Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849ID Datasheet (PDF) - Texas Instruments

DP83849ID Datasheet PDF - Texas Instruments
Part # DP83849ID
Download  DP83849ID Download
File Size   978.84 Kbytes
Page   105 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83849ID PHYTER DUAL Industrial Temperature with Fiber Support (FX), Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver

DP83849ID Datasheet (PDF)

Go To PDF Page Download Datasheet
DP83849ID Datasheet PDF - Texas Instruments

Part # DP83849ID
Download  DP83849ID Click to download

File Size   978.84 Kbytes
Page   105 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83849ID PHYTER DUAL Industrial Temperature with Fiber Support (FX), Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver

DP83849ID Datasheet (HTML) - Texas Instruments


DP83849ID Product details

General Description
The number of applications requiring Ethernet Connectivity
continues to expand. Along with this
increased market demand is a change in application
requirements. Where single channel Ethernet used to
be sufficient, many applications such as wireless
remote base stations and industrial networking now
require DUAL Port functionality for redundancy or system
management.
The DP83849ID is a highly reliable, feature rich device
perfectly suited for industrial applications enabling
Ethernet on the factory floor. The DP83849ID features
two fully independent 10/100 ports for multi-port applications.
The DP83849ID provides optimum flexibility in MPU
selection by supporting both MII and RMII interfaces.
The device also provides flexibility by supporting both
copper and fiber media.
In addition this device includes a powerful new diagnostics
tool to ensure initial network operation and
maintenance. In addition to the TDR scheme, commonly
used for detecting faults during installation,
NATIONAL’s innovative cable diagnostics provides for
real time continuous monitoring of the link quality. This
allows the system designer to implement a fault prediction
mechanism to detect and warn of changing or
deteriorating link conditions.
With the DP83849ID, National Semiconductor continues
to build on its Ethernet expertise and leadership
position by providing a powerful combination of features
and flexibility, easing Ethernet implementation for
the system designer.

Features
• Low-power 3.3V, 0.18μm CMOS technology
• Low power consumption <600mW Typical
• 3.3V MAC Interface
• Auto-MDIX for 10/100 Mb/s
• Energy Detection Mode
• Dynamic Integrity Utility
• Dynamic Link Quality Monitoring
• TDR based Cable Diagnostic and Cable Length Detection
• Optimized Latency for Real Time Ethernet Operation
• Reference Clock out
• RMII Rev. 1.2 Interface (configurable)
• SNI Interface (configurable)
• MII Serial Management Interface (MDC and MDIO)
• IEEE 802.3u MII
• IEEE 802.3u Auto-Negotiation and Parallel Detection
• IEEE 802.3u ENDEC, 10BASE-T transceivers and filters
• IEEE 802.3u PCS, 100BASE-TX transceivers and filters
• IEEE 802.3u 100BASE-FX Fiber Interface
• IEEE 1149.1 JTAG
• Integrated ANSI X3.263 compliant TP-PMD physical sub-layer
with adaptive equalization and Baseline Wander compensation
• Programmable LED support for Link, 10 /100 Mb/s Mode, Activity,
Duplex and Collision Detect
• Single register access for complete PHY status
• 10/100 Mb/s packet BIST (Built in Self Test)
• 80-pin TQFP package (12mm x 12mm)

Applications
• Medical Instrumentation
• Factory Automation
• Motor & Motion Control
• Wireless Remote Base Station
• General Embedded Applications




Similar Part No. - DP83849ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83849ID NSC-DP83849ID Datasheet
3Mb / 98P
PHYTER DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849ID NSC-DP83849ID Datasheet
3Mb / 98P
PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83849ID TI1-DP83849ID Datasheet
871Kb / 100P
PHYTER DUAL Industrial Temperature with Fiber Support
DP83849ID TI2-DP83849ID Datasheet
870Kb / 100P
DP83849ID PHYTER® DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
May 2008
DP83849IDVS TI1-DP83849IDVS Datasheet
871Kb / 100P
PHYTER DUAL Industrial Temperature with Fiber Support
More results


Similar Description - DP83849ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83849I NSC-DP83849I Datasheet
3Mb / 106P
DP83849I PHYTER DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849ID NSC-DP83849ID Datasheet
3Mb / 98P
PHYTER DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF NSC-DP83849IF Datasheet
3Mb / 108P
PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF NSC-DP83849IF_06 Datasheet
3Mb / 108P
DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849ID NSC-DP83849ID_08 Datasheet
3Mb / 98P
PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849C TI1-DP83849C_14 Datasheet
959Kb / 101P
PHYTER DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF TI1-DP83849IF_14 Datasheet
1Mb / 104P
PHYTER??DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
DP83849I TI1-DP83849I_15 Datasheet
1Mb / 98P
DP83849I PHYTER DUAL Industrial Temperature With Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF TI1-DP83849IF_15 Datasheet
1Mb / 105P
DP83849IF PHYTER DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com