Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV134 Datasheet (PDF) - Texas Instruments

DRV134 Datasheet PDF - Texas Instruments
Part # DRV134
Download  DRV134 Download
File Size   1454.77 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV13x Audio-Balanced Line Drivers

DRV134 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV134 Datasheet PDF - Texas Instruments

Part # DRV134
Download  DRV134 Click to download

File Size   1454.77 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV13x Audio-Balanced Line Drivers

DRV134 Datasheet (HTML) - Texas Instruments


DRV134 Product details

1 Features
1• Balanced Output
• Low Distortion: 0.0005% at f = 1 kHz
• Wide Output Swing: 17Vrms into 600 Ω
• High Capacitive Load Drive
• High Slew Rate: 15 V/μs
• Wide Supply Range: ±4.5 V to ±18 V
• Low Quiescent Current: ±5.2 mA
• 8-Pin DIP, SO-8, and SOL-16 Packages
• Companion to Audio Differential Line Receivers:
INA134 and INA137
• Improved Replacement for SSM2142

2 Applications
• Audio Differential Line Drivers
• Audio Mix Consoles
• Distribution Amplifiers
• Graphic and Parametric Equalizers
• Dynamic Range Processors
• Digital Effects Processors
• Telecom Systems
• Hi-Fi Equipment
• Industrial Instrumentation

3 Description
The DRV134 and DRV135 are differential output
amplifiers that convert a single-ended input to a balanced output pair. These balanced audio drivers
consist of high performance op amps with on-chip
precision resistors. They are fully specified for high
performance audio applications and have excellent ac specifications, including low distortion (0.0005% at 1
kHz) and high slew rate (15 V/μs).
The on-chip resistors are laser-trimmed for accurate
gain and optimum output common-mode rejection.
Wide output voltage swing and high output drive
capability allow use in a wide variety of demanding
applications. They easily drive the large capacitive loads associated with long audio cables. Used in
combination with the INA134 or INA137 differential receivers, they offer a complete solution for
transmitting analog audio signals without degradation.
The DRV134 is available in 8-pin DIP and SOL-16
surface-mount packages. The DRV135 comes in a
space-saving SO-8 surface-mount package. Both are specified for operation over the extended industrial
temperature range, –40°C to +85°C and operate from
–55°C to +125°C.




Similar Part No. - DRV134

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV134 TI-DRV134 Datasheet
830Kb / 20P
BALANCED OUTPUT, LOW DISTORTION: 0.0005% at f = 1kHz
DRV134 TI1-DRV134 Datasheet
1Mb / 30P
Audio-Balanced Line Drivers
logo
Burr-Brown (TI)
DRV134PA BURR-BROWN-DRV134PA Datasheet
229Kb / 10P
AUDIO BALANCED LINE DRIVERS
DRV134PA BURR-BROWN-DRV134PA Datasheet
186Kb / 12P
AUDIO BALANCED LINE DRIVERS
More results


Similar Description - DRV134

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54128 TI-SN54128 Datasheet
128Kb / 4P
LINE DRIVERS
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
AUDIO BALANCED LINE DRIVERS
logo
STMicroelectronics
BC297 STMICROELECTRONICS-BC297 Datasheet
117Kb / 3P
AUDIO DRIVERS
logo
List of Unclassifed Man...
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
Balanced Line Drivers
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134_06 Datasheet
186Kb / 12P
AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV135UAG4 TI1-DRV135UAG4 Datasheet
830Kb / 20P
AUDIO BALANCED LINE DRIVERS
SN74128NSR TI1-SN74128NSR Datasheet
842Kb / 16P
LINE DRIVERS
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
logo
Texas Instruments
DRV134 TI1-DRV134 Datasheet
1Mb / 30P
Audio-Balanced Line Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com