Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV2603 Datasheet (PDF) - Texas Instruments

DRV2603 Datasheet PDF - Texas Instruments
Part # DRV2603
Download  DRV2603 Download
File Size   1325.09 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV2603 Haptic Drive With Auto-Resonance Detection for Linear Resonance Actuators (LRA)

DRV2603 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV2603 Datasheet PDF - Texas Instruments

Part # DRV2603
Download  DRV2603 Click to download

File Size   1325.09 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV2603 Haptic Drive With Auto-Resonance Detection for Linear Resonance Actuators (LRA)

DRV2603 Datasheet (HTML) - Texas Instruments


DRV2603 Product details

1 Features
1• Flexible Haptic/Vibra Driver
– LRA (Linear Resonance Actuator)
– ERM (Eccentric Rotating Mass)
• Auto Resonance Tracking for LRA
– No Frequency Calibration Required
– Automatic Drive Commutation
– Automatic Braking Algorithm
– Wide Input PWM Frequency Range
• Constant Vibration Strength Over Supply
• Automatic Input Level Translation
• 0% to 100% Duty Cycle Control Range
• Fast Start Up Time
• Differential Drive from Single-Ended Input
• Wide Supply Voltage Range of 2.5 V to 5.2 V
• Immersion TouchSense® 3000 Compatible
• 1.8-V Compatible, 5-V Tolerant Digital Pins
• Available in a 2 mm × 2 mm × 0.75 mm Leadless
QFN Package (RUN)

2 Applications
• Mobile Phones and Tablets
• Watches and Wearable Technology
• Remote Controls, Mice, and Peripheral Devices
• Electronic Point of Sale (ePOS)
• Vibration Alerts and Notifications
• Touch-Enabled Devices
• Industrial Human-Machine Interfaces

3 Description
The DRV2603 is a haptic driver designed specifically
to solve common obstacles in driving both Linear
Resonance Actuator (LRA) and Eccentric Rotating
Mass (ERM) haptic elements. The DRV2603 is
designed for low latency, high efficiency, and more
drive strength for actuators commonly used for tactile
feedback in the portable market.
LRA actuators typically have a narrow frequency
band over which they have an adequate haptic
response. This frequency window is typically ±2.5 Hz
wide or less, so driving an LRA actuator presents a
challenge. The DRV2603 solves this problem by
employing auto resonance tracking, which
automatically detects and tracks the LRA resonant
frequency in real time. This means that any input
PWM frequency within the input range (10 kHz to 250
kHz) will automatically produce the correct resonant
output frequency. As an additional benefit, the
DRV2603 implements an automatic braking algorithm
to prevent LRA ringing at the end of waveforms,
leaving the user with a crisp haptic sensation.
For both ERM and LRA actuators, the automatic input
level translation solves issues with low voltage PWM
sources without adding additional external
components, so if the digital I/O levels vary, the
output voltage does not change. The DRV2603 also
has supply correction that ensures no supply
regulation is required for constant vibration strength,
allowing an efficient, direct-battery connection.




Similar Part No. - DRV2603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2603 TI1-DRV2603 Datasheet
454Kb / 7P
Haptic Driver with Auto Resonance Tracking for Linear Resonance Actuators (LRA) and Optimized Drive for Eccentric Rotating Mass Actuators (ERM)
DRV2603 TI1-DRV2603 Datasheet
1Mb / 19P
Haptic Drive with Auto-Resonance Detection for Linear Resonance Actuators (LRA)
DRV2603ERM TI1-DRV2603ERM Datasheet
1Mb / 28P
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
DRV2603RUN TI1-DRV2603RUN Datasheet
1Mb / 28P
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
DRV2603RUNR TI1-DRV2603RUNR Datasheet
454Kb / 7P
Haptic Driver with Auto Resonance Tracking for Linear Resonance Actuators (LRA) and Optimized Drive for Eccentric Rotating Mass Actuators (ERM)
More results


Similar Description - DRV2603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2603 TI1-DRV2603 Datasheet
454Kb / 7P
Haptic Driver with Auto Resonance Tracking for Linear Resonance Actuators (LRA) and Optimized Drive for Eccentric Rotating Mass Actuators (ERM)
DRV2603ERM TI1-DRV2603ERM Datasheet
1Mb / 28P
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
logo
Fairchild Semiconductor
FAH4830 FAIRCHILD-FAH4830 Datasheet
604Kb / 15P
Haptic Driver for DC Motors (ERMs) and Linear Resonant Actuators (LRAs)
logo
List of Unclassifed Man...
FAH4840-269128 ETC2-FAH4840-269128 Datasheet
1Mb / 21P
FAH4840 Haptic Driver for Linear Resonant Actuators (LRAs)
logo
Texas Instruments
DRV2603 TI1-DRV2603_14 Datasheet
1Mb / 19P
Haptic Drive with Auto-Resonance Detection for Linear Resonance Actuators (LRA)
logo
TEXAS ADVANCED OPTOELEC...
DRV2605EVM-BT TAOS-DRV2605EVM-BT Datasheet
4Mb / 34P
evaluation kit for the DRV2605 ERM and LRA Haptic Driver.
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
Automotive Haptic Driver for LRA and ERM
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
HAPTIC DRIVER FOR ERM AND LRA
Rev 2.0
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com