Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV2665RGPR Datasheet (PDF) - Texas Instruments

DRV2665RGPR Datasheet PDF - Texas Instruments
Part # DRV2665RGPR
Download  DRV2665RGPR Download
File Size   2035.88 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV2665 Piezo Haptic Driver with Integrated Boost Converter and Digital Front End

DRV2665RGPR Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV2665RGPR Datasheet PDF - Texas Instruments

Part # DRV2665RGPR
Download  DRV2665RGPR Click to download

File Size   2035.88 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV2665 Piezo Haptic Driver with Integrated Boost Converter and Digital Front End

DRV2665RGPR Datasheet (HTML) - Texas Instruments


DRV2665RGPR Product details

1 Features
• Integrated Digital Front End
– Up to 400-kHz I2C Bus Control
– 100-Byte Internal FIFO Interface
– Immersion TS5000-Compliant
– Optional Analog Inputs
• High Voltage Piezo-Haptic Driver
– Drives up to 100 nF at 200 VPP and 300 Hz
– Drives up to 150 nF at 150 VPP and 300 Hz
– Drives up to 330 nF at 100 VPP and 300 Hz
– Drives up to 680 nF at 50 VPP and 300 Hz
– Differential Output
• 105-V Integrated Boost Converter
– Adjustable Boost Voltage
– Adjustable Boost Current Limit
– Integrated Power FET and Diode
– No Transformer Required
• 2-ms Fast Start Up Time
• 3.3- to 5.5-V Wide Supply Voltage Range
• 1.8-V Compatible, VDD Tolerant Digital Pins

2 Applications
• Mobile Phones
• Tablets
• Portable Computers
• Keyboards and Mice
• Electronic Gaming
• Touch Enabled Devices

3 Description
The DRV2665 device is a piezo haptic driver
with integrated 105-V boost switch, integrated
power diode, integrated fully-differential amplifier, and
integrated digital front end. This versatile device is
capable of driving both high-voltage and low-voltage
piezo haptic actuators. The input signal can be driven
as haptic packets over the I2C port or through the
analog inputs.
The digital interface of the DRV2665 device is
available through an I2C compatible bus. A digital
interface relieves the costly processor burden of
the PWM generation or additional analog channel
requirements in the host system. Any writes to the
internal first-in, first-out buffer (FIFO) will automatically
wake up the device and begin playing the waveform
after the 2 ms internal start-up procedure. When the
data flow stops or the FIFO under-runs, the DRV2665
device will automatically enter a pop-less shutdown
procedure.
The boost voltage is set using two external resistors,
and the boost current limit is programmable through
the REXT resistor. A typical start-up time of 2 ms
makes the DRV2665 device an ideal piezo driver for
fast haptic responses. Thermal overload protection
prevents the device from being damaged when
overdriven.




Similar Part No. - DRV2665RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2665RGPR TI-DRV2665RGPR Datasheet
571Kb / 8P
Piezo Haptic Driver with Integrated Boost Converter and Digital Front End
More results


Similar Description - DRV2665RGPR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Texas Instruments
DRV8662 TI1-DRV8662 Datasheet
54Kb / 2P
Piezo Haptic Driver with Integrated Boost Converter
JUNE2011
DRV2665 TI-DRV2665 Datasheet
571Kb / 8P
Piezo Haptic Driver with Integrated Boost Converter and Digital Front End
DRV8662 TI1-DRV8662_12 Datasheet
367Kb / 4P
Piezo Haptic Driver with Integrated Boost Converter
DRV2667 TI-DRV2667 Datasheet
218Kb / 6P
Piezo Haptic Driver with Boost, Digital Front End, and Internal Waveform Memory
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Texas Instruments
DRV2700 TI-DRV2700_15 Datasheet
1Mb / 37P
DRV2700 Industrial Piezo Driver With Integrated Boost Converter
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
Piezo and LED Driver with Synchronous Boost DC/DC Converter
logo
Maxim Integrated Produc...
MAX77501 MAXIM-MAX77501 Datasheet
109Kb / 2P
110VPK-PK High-Efficiency Piezo Haptic Actuator Boost Driver
Rev 0; 6/19
logo
Diodes Incorporated
PAM8907 DIODES-PAM8907 Datasheet
695Kb / 10P
31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
May 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com