Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV2667RGPR Datasheet (PDF) - Texas Instruments

DRV2667RGPR Datasheet PDF - Texas Instruments
Part # DRV2667RGPR
Download  DRV2667RGPR Download
File Size   2334.24 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV2667 Piezo Haptic Driver with Boost, Digital Front End, and Internal Waveform Memory

DRV2667RGPR Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV2667RGPR Datasheet PDF - Texas Instruments

Part # DRV2667RGPR
Download  DRV2667RGPR Click to download

File Size   2334.24 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV2667 Piezo Haptic Driver with Boost, Digital Front End, and Internal Waveform Memory

DRV2667RGPR Datasheet (HTML) - Texas Instruments


DRV2667RGPR Product details

1 Features
• Integrated Digital Front End
– Up to 400-kHz I2C Bus Control
– Advanced Waveform Synthesizer
– 2-kB Internal Waveform Memory
– 100-Byte Internal FIFO Interface
– Immersion TS5000-Compliant
– Optional Analog Inputs
• High-Voltage Piezo-Haptic Driver
– Drives up to 100 nF at 200 VPP and 300 Hz
– Drives up to 150 nF at 150 VPP and 300 Hz
– Drives up to 330 nF at 100 VPP and 300 Hz
– Drives up to 680 nF at 50 VPP and 300 Hz
– Differential Output
• 105-V Integrated Boost Converter
– Adjustable Boost Voltage
– Adjustable Boost Current Limit
– Programable Boost Current Limit
– Integrated Power FET and Diode
– No Transformer Required
• 2-ms Fast Start Up Time
• 3.3- to 5.5-V Wide Supply Voltage Range
• 1.8 V-Compatible, VDD-Tolerant Digital Pins

2 Applications
• Mobile Phones and Tablets
• Portable Computers
• Keyboards and Mice
• Electronic Gaming
• Touch Enabled Devices

3 Description
The DRV2667 device is a piezo haptic driver
with integrated 105-V boost switch, integrated
power diode, integrated fully-differential amplifier, and
integrated digital front end capable of driving both
high-voltage and low-voltage piezo haptic actuators.
This versatile device supports HD haptics through the
I2C port or through the analog inputs.
The digital interface of the DRV2667 device is
available through an I2C-compatible bus. A digital
interface relieves the costly processor burden of
the PWM generation or additional analog channel
requirements in the host system. Any writes to the
internal FIFO will automatically wake up the device
and begin playing the waveform after the 2-ms
internal startup procedure. When the data flow stops
or the FIFO under-runs, the device will automatically
enter a pop-less shutdown procedure.
The DRV2667 device also includes waveform
memory to store and recall waveforms with minimal
latency as well as an advanced waveform synthesizer
to construct complex haptic waveforms with minimal
memory usage. This provide a means of hardware
acceleration, relieving the host processor of haptic
generation duties as well as minimizing bus traffic
over the haptic interface.
The boost voltage is set using two external resistors,
and the boost current limit is programmable through
the REXT resistor. A typical start-up time of 2
ms makes the DRV2667 an ideal piezo driver for
fast haptic responses. Thermal overload protection
prevents the device from being damaged when
overdriven.




Similar Part No. - DRV2667RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2667RGPR TI-DRV2667RGPR Datasheet
218Kb / 6P
Piezo Haptic Driver with Boost, Digital Front End, and Internal Waveform Memory
More results


Similar Description - DRV2667RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8662 TI1-DRV8662 Datasheet
54Kb / 2P
Piezo Haptic Driver with Integrated Boost Converter
JUNE2011
DRV2665 TI-DRV2665 Datasheet
571Kb / 8P
Piezo Haptic Driver with Integrated Boost Converter and Digital Front End
DRV8662 TI1-DRV8662_12 Datasheet
367Kb / 4P
Piezo Haptic Driver with Integrated Boost Converter
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
DRV2667 TI-DRV2667 Datasheet
218Kb / 6P
Piezo Haptic Driver with Boost, Digital Front End, and Internal Waveform Memory
logo
Maxim Integrated Produc...
MAX77501 MAXIM-MAX77501 Datasheet
109Kb / 2P
110VPK-PK High-Efficiency Piezo Haptic Actuator Boost Driver
Rev 0; 6/19
logo
Dialog Semiconductor
DA7280 DIALOG-DA7280 Datasheet
1Mb / 76P
LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
DA7281 DIALOG-DA7281 Datasheet
1Mb / 76P
LRA/ERM Haptic Driver with Multiple I짼C Addresses, Integrated Waveform Memory, and Wideband Support
logo
Renesas Technology Corp
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
DA7281 RENESAS-DA7281 Datasheet
1Mb / 88P
LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
10-Feb-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com