Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8301 Datasheet (PDF) - Texas Instruments

DRV8301 Datasheet PDF - Texas Instruments
Part # DRV8301
Download  DRV8301 Download
File Size   2530.9 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8301 Three-Phase Gate Driver With Dual Current Shunt Amplifiers and Buck Regulator

DRV8301 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8301 Datasheet PDF - Texas Instruments

Part # DRV8301
Download  DRV8301 Click to download

File Size   2530.9 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8301 Three-Phase Gate Driver With Dual Current Shunt Amplifiers and Buck Regulator

DRV8301 Datasheet (HTML) - Texas Instruments


DRV8301 Product details

1 Features
1• 6-V to 60-V Operating Supply Voltage Range
• 1.7-A Source and 2.3-A Sink Gate Drive Current
Capability
• Slew Rate Control for EMI Reduction
• Bootstrap Gate Driver With 100% Duty Cycle
Support
• 6- or 3-PWM Input Modes
• Dual Integrated Current Shunt Amplifiers With
Adjustable Gain and Offset
• Integrated 1.5-A Buck Converter
• 3.3-V and 5-V Interface Support
• SPI
• Protection Features:
– Programmable Dead Time Control (DTC)
– Programmable Overcurrent Protection (OCP)
– PVDD and GVDD Undervoltage Lockout
(UVLO)
– GVDD Overvoltage Lockout (OVLO)
– Overtemperature Warning/Shutdown
(OTW/OTS)
– Reported Through nFAULT, nOCTW, and SPI
Registers

2 Applications
• 3-Phase BLDC and PMSM Motors
• CPAPs and Pumps
• E-bikes
• Power Tools
• Robotics and RC Toys
• Industrial Automation

3 Description
The DRV8301 is a gate driver IC for three-phase
motor drive applications. The device provides three
half-bridge drivers, each capable of driving two Nchannel
MOSFETs. The DRV8301 supports up to
1.7-A source and 2.3-A peak current capability. The
DRV8301 can operate off of a single power supply
with a wide range from 6-V to 60-V. The device uses
a bootstrap gate driver architecture with trickle charge
circuitry to support 100% duty cycle. The DRV8301
uses automatic handshaking when the high-side or
low-side MOSFET is switching to prevent flow of
current. Integrated VDS sensing of the high-side and
low-side MOSFETs is used to protect the external
power stage against overcurrent conditions.
The DRV8301 includes two current shunt amplifiers
for accurate current measurement. The amplifiers
support bidirectional current sensing and provide an
adjustable output offset up to 3 V.
The DRV8301 also includes an integrated switching
mode buck converter with adjustable output and
switching frequency. The buck converter can provide
up to 1.5 A to support MCU or additional system
power needs.
The SPI provides detailed fault reporting and flexible
parameter settings such as gain options for the
current shunt amplifiers and slew rate control of the
gate drivers.




Similar Part No. - DRV8301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8301 TI-DRV8301 Datasheet
387Kb / 26P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301 TI1-DRV8301 Datasheet
319Kb / 2P
Stellaris짰 LM4F211 controlCARD
DRV8301 TI1-DRV8301 Datasheet
356Kb / 26P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301 TI1-DRV8301 Datasheet
408Kb / 28P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
More results


Similar Description - DRV8301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8301 TI-DRV8301 Datasheet
387Kb / 26P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8302 TI1-DRV8302 Datasheet
351Kb / 21P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator ??Hardware Controlled
AUGUST2011
DRV8301 TI1-DRV8301_12 Datasheet
356Kb / 26P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303EVM TI1-DRV8303EVM Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301 TI1-DRV8301_14 Datasheet
408Kb / 28P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8305 TI-DRV8305_15 Datasheet
2Mb / 53P
DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator
DRV8305-Q1 TI-DRV8305-Q1_15 Datasheet
117Kb / 6P
DRV8305-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com