Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8312 Datasheet (PDF) - Texas Instruments

DRV8312 Datasheet PDF - Texas Instruments
Part # DRV8312
Download  DRV8312 Download
File Size   2809.78 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV83x2 Three-Phase PWM Motor Driver

DRV8312 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8312 Datasheet PDF - Texas Instruments

Part # DRV8312
Download  DRV8312 Click to download

File Size   2809.78 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV83x2 Three-Phase PWM Motor Driver

DRV8312 Datasheet (HTML) - Texas Instruments


DRV8312 Product details

1 Features
• High-Efficiency Power Stage (up to 97%) With Low
RDS(on) MOSFETs (80 mΩ at TJ = 25°C)
• Operating Supply Voltage up to 50 V
(70-A Absolute Maximum)
• DRV8312 (Power Pad Down): up to 3.5-A
Continuous Phase Current (6.5-A Peak)
• DRV8332 (Power Pad Up): up to 8-A Continuous
Phase Current (13-A Peak)
• Independent Control of Three Phases
• PWM Operating Frequency up to 500 kHz
• Integrated Self-Protection Circuits Including
Undervoltage, Overtemperature, Overload, and
Short Circuit
• Programmable Cycle-by-Cycle Current Limit
Protection
• Independent Supply and Ground Pins for Each
Half Bridge
• Intelligent Gate Drive and Cross Conduction
Prevention
• No External Snubber or Schottky Diode is
Required

2 Applications
• BLDC Motors
• Three-Phase Permanent Magnet Synchronous
Motors
• Inverters
• Half Bridge Drivers
• Robotic Control Systems

3 Description
The DRV83x2 are high-performance, integrated threephase
motor drivers with an advanced protection
system.
Because of the low RDS(on) of the power MOSFETs
and intelligent gate drive design, the efficiency of
these motor drivers can be up to 97%. This high
efficiency the use of smaller power supplies and
heatsinks, and the devices are good candidates for
energy-efficient applications.
The DRV83x2 require two power supplies, one at
12 V for GVDD and VDD, and another up to 50 V
for PVDD. The DRV83x2 can operate at up to 500-
kHz switching frequency while still maintaining precise
control and high efficiency. The devices also have an
innovative protection system safeguarding the device
against a wide range of fault conditions that could
damage the system. These safeguards are shortcircuit
protection, overcurrent protection, undervoltage
protection, and two-stage thermal protection. The
DRV83x2 have a current-limiting circuit that prevents
device shutdown during load transients such as motor
start-up. A programmable overcurrent detector allows
adjustable current limit and protection level to meet
different motor requirements.
The DRV83x2 have unique independent supply and
ground pins for each half-bridge. These pins make
it possible to provide current measurement through
external shunt resistor and support half bridge drivers
with different power supply voltage requirements.




Similar Part No. - DRV8312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8312 TI-DRV8312 Datasheet
981Kb / 28P
Three Phase PWM Motor Driver
DRV8312 TI-DRV8312 Datasheet
1Mb / 31P
Three Phase PWM Motor Driver
DRV8312 TI-DRV8312 Datasheet
1Mb / 32P
Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312 Datasheet
319Kb / 2P
Stellaris짰 LM4F211 controlCARD
DRV8312 TI1-DRV8312 Datasheet
1Mb / 36P
Three Phase PWM Motor Driver
More results


Similar Description - DRV8312

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3936 ALLEGRO-3936 Datasheet
177Kb / 9P
DMOS THREE-PHASE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8312 TI-DRV8312 Datasheet
981Kb / 28P
Three Phase PWM Motor Driver
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
Three Phase PWM Motor Driver
DRV8312 TI-DRV8312_11 Datasheet
1Mb / 32P
Three Phase PWM Motor Driver
DRV8332-HT TI1-DRV8332-HT Datasheet
425Kb / 25P
THREE PHASE PWM MOTOR DRIVER
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
THREE PHASE PWM MOTOR DRIVER
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_15 Datasheet
1Mb / 39P
Three-Phase PWM Motor Driver
logo
Allegro MicroSystems
A3936 ALLEGRO-A3936 Datasheet
294Kb / 10P
DMOS Three-Phase PWM Motor Driver
logo
Texas Instruments
DRV8311 TI-DRV8311 Datasheet
2Mb / 87P
DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com