Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA117 Datasheet (PDF) - Texas Instruments

INA117 Datasheet PDF - Texas Instruments
Part # INA117
Download  INA117 Download
File Size   1486.25 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA117 High Common-Mode Voltage Difference Amplifier

INA117 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA117 Datasheet PDF - Texas Instruments

Part # INA117
Download  INA117 Click to download

File Size   1486.25 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA117 High Common-Mode Voltage Difference Amplifier

INA117 Datasheet (HTML) - Texas Instruments


INA117 Product details

1 Features
• Common-mode input range: ±200V (VS = ±15V)
• Protected inputs:
– ±500V Common-mode
– ±500V Differential
• Unity gain: 0.05% gain error maximum
• Nonlinearity: 0.001% maximum
• CMRR: 70dB minimum

2 Applications
• Single multi axis servo drives
• Industrial machine and machine tools
• Semiconductor test and ATE
• Ultrasound scanner

3 Description
The INA117 is a precision unity-gain difference
amplifier with very high common-mode input voltage
range. The INA117 is a single monolithic IC consisting
of a precision op amp and integrated thin-film resistor
network. The device can accurately measure small
differential voltages in the presence of commonmode
signals up to ±200V. The INA117 inputs
are protected from momentary common-mode or
differential overloads up to ±500V.
In many applications, where galvanic isolation is not
essential, the INA117 can replace isolation amplifiers.
This design can eliminate costly isolated input-side
power supplies and the associated ripple, noise,
and quiescent current. The 0.001% nonlinearity and
200kHz bandwidth of the INA117 is superior to those
of conventional isolation amplifiers.
The INA117 is available in 8-pin plastic mini-DIP
and SO-8 surface-mount packages, specified for the
–40°C to 85°C temperature range.




Similar Part No. - INA117

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
INA117AM BURR-BROWN-INA117AM Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117AM TI1-INA117AM Datasheet
312Kb / 17P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
INA117AM4 TI1-INA117AM4 Datasheet
312Kb / 17P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA117BM BURR-BROWN-INA117BM Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Similar Description - INA117

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_07 Datasheet
540Kb / 16P
High Common-Mode Voltage, Difference Amplifier
3/07-Rev. A to Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
270V Common Mode Voltage Difference Amplifier
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
Common Mode Voltage Difference Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com