Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA122P Datasheet (PDF) - Texas Instruments

INA122P Datasheet PDF - Texas Instruments
Part # INA122P
Download  INA122P Download
File Size   1321.53 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA122 Single Supply, Micropower Instrumentation Amplifier

INA122P Datasheet (PDF)

Go To PDF Page Download Datasheet
INA122P Datasheet PDF - Texas Instruments

Part # INA122P
Download  INA122P Click to download

File Size   1321.53 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA122 Single Supply, Micropower Instrumentation Amplifier

INA122P Datasheet (HTML) - Texas Instruments


INA122P Product details

1 Features
• Low quiescent current: 60μA
• Wide power supply range: 2.2V to 36V
• Rail-to-rail output swing
• Low offset voltage: 250μV maximum
• Low offset drift: 3μV/°C maximum
• Low noise: 60nV/√Hz
• Low input bias current: 25nA maximum
• Packages
– 4.9mm × 6mm SOIC
– 9.81mm × 9.43mm PDIP

2 Applications
• Portable electronics
• Field transmitters and sensors
• Pressure transmitters
• Infusion pumps
• Electrocardiograms (ECGs)

3 Description
The INA122 is a precision instrumentation
amplifier for accurate, low-noise differential signal
acquisition. The two-op-amp design provides
excellent performance with very low quiescent current
(60μA), and is designed for portable instrumentation
and data acquisition systems. The INA122 can be
operated with single or dual power supplies from 2.2V
to 36V.
A single external resistor sets gain from 5V/V to
10000V/V. Laser trimming provides very low offset
voltage (250μV maximum), offset voltage drift (3μV/°C
maximum) and excellent common-mode rejection.
Package options include 8-pin plastic DIP and
SOIC surface-mount packages. Both packages are
specified for the −40°C to +85°C temperature range.




Similar Part No. - INA122P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA122P BURR-BROWN-INA122P Datasheet
223Kb / 9P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122P BURR-BROWN-INA122P Datasheet
750Kb / 14P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122PA BURR-BROWN-INA122PA Datasheet
223Kb / 9P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122PA BURR-BROWN-INA122PA Datasheet
750Kb / 14P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122PAG4 BURR-BROWN-INA122PAG4 Datasheet
750Kb / 14P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA122P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV.A
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD627 AD-AD627_07 Datasheet
1Mb / 24P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
microPower, Single-Supply, CMOS Instrumentation Amplifier
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD627 AD-AD627_15 Datasheet
1Mb / 25P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Analog Devices
AD627 AD-AD627_16 Datasheet
977Kb / 25P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com