Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA12X Datasheet (PDF) - Texas Instruments

INA12X Datasheet PDF - Texas Instruments
Part # INA12X
Download  INA12X Download
File Size   2474.6 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA12x Precision, Low-Power Instrumentation Amplifiers

INA12X Datasheet (PDF)

Go To PDF Page Download Datasheet
INA12X Datasheet PDF - Texas Instruments

Part # INA12X
Download  INA12X Click to download

File Size   2474.6 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA12x Precision, Low-Power Instrumentation Amplifiers

INA12X Datasheet (HTML) - Texas Instruments


INA12X Product details

1 Features
• Low offset voltage: 50 μV, maximum
• Low drift: 0.5 μV/°C, maximum
• Low input bias current: 5 nA, maximum
• Low noise: 8 nV/√Hz, 0.2 μVpp
• High CMR: 120 dB, minimum
• Bandwidth: 1.3 MHz (G = 1)
• Inputs protected to ±40 V
• Wide supply range: ±2.25 V to ±18 V
• Low quiescent current: 700 μA
• Packages: 8-pin plastic DIP, SO-8

2 Applications
• Pressure transmitter
• Temperature transmitter
• Weigh scale
• Electrocardiogram (ECG)
• Analog input module
• Data acquisition (DAQ)

3 Description
The INA128 and INA129 (INA12x) are low-power,
general-purpose instrumentation amplifiers that offer
excellent accuracy. The versatile three op amp design
and small size make these amplifiers an excellent
choice for a wide range of applications. Currentfeedback
input circuitry provides wide bandwidth even
at high gain (200 kHz at G = 100).
A single external resistor sets any gain from 1 to
10,000. The INA128 provides an industry-standard
gain equation with a 50-kΩ resistor. The INA129 gain
equation uses a 49.4-kΩ resistor to allow for drop-in
replacements of comparable devices.
The INA12x are available in plastic DIP and surfacemount
packages, specified for the –40°C to +85°C
temperature range. The INA128 is also available in a
dual configuration, the INA2128.
The upgraded INA828 offers a lower input bias
current (0.6 nA, max) and lower noise (7 nV/√Hz)
at the same quiescent current. See the Device
Comparison Table for a selection of precision
instrumentation amplifiers from Texas Instruments.




Similar Part No. - INA12X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA12X-HT TI2-INA12X-HT Datasheet
1Mb / 33P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
REVISED FEBRUARY 2015
More results


Similar Description - INA12X

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Texas Instruments
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
INA128 TI1-INA128_15 Datasheet
1Mb / 29P
INA12x Precision, Low Power Instrumentation Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com