Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA188 Datasheet (PDF) - Texas Instruments

INA188 Datasheet PDF - Texas Instruments
Part # INA188
Download  INA188 Download
File Size   1749.18 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier

INA188 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA188 Datasheet PDF - Texas Instruments

Part # INA188
Download  INA188 Click to download

File Size   1749.18 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier

INA188 Datasheet (HTML) - Texas Instruments


INA188 Product details

1 Features
1• Excellent DC Performance:
– Low Input Offset Voltage: 55 μV (max)
– Low Input Offset Drift: 0.2 μV/°C (max)
– High CMRR: 104 dB, G ≥ 10 (min)
• Low Input Noise:
– 12 nV/√Hz at 1 kHz
– 0.25 μVPP (0.1 Hz to 10 Hz)
• Wide Supply Range:
– Single Supply: 4 V to 36 V
– Dual Supply: ±2 V to ±18 V
• Gain Set with a Single External Resistor:
– Gain Equation: G = 1 + (50 kΩ / RG)
– Gain Error: 0.007%, G = 1
– Gain Drift: 5 ppm/°C (max) G = 1
• Input Voltage: (V–) + 0.1 V to (V+) – 1.5 V
• RFI-Filtered Inputs
• Rail-to-Rail Output
• Low Quiescent Current: 1.4 mA
• Operating Temperature: –55°C to +150°C
• SOIC-8 and DFN-8 Packages

2 Applications
• Bridge Amplifiers
• ECG Amplifiers
• Pressure Sensors
• Medical Instrumentation
• Portable Instrumentation
• Weigh Scales
• Thermocouple Amplifiers
• RTD Sensor Amplifiers
• Data Acquisition

3 Description
The INA188 is a precision instrumentation amplifier
that uses TI proprietary auto-zeroing techniques to
achieve low offset voltage, near-zero offset and gain
drift, excellent linearity, and exceptionally low-noise
density (12 nV/√Hz) that extends down to dc.
The INA188 is optimized to provide excellent
common-mode rejection of greater than 104 dB (G ≥
10). Superior common-mode and supply rejection
supports high-resolution, precise measurement
applications. The versatile three op-amp design offers
a rail-to-rail output, low-voltage operation from a 4-V
single supply as well as dual supplies up to ±18 V,
and a wide, high-impedance input range. These
specifications make this device ideal for universal
signal measurement and sensor conditioning (such
as temperature or bridge applications).
A single external resistor sets any gain from 1 to
1000. The INA188 is designed to use an industrystandard
gain equation: G = 1 + (50 kΩ / RG). The
reference pin can be used for level-shifting in singlesupply
operation or for an offset calibration.
The INA188 is specified over the temperature range
of –40°C to +125°C .




Similar Part No. - INA188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA188 TI1-INA188 Datasheet
1Mb / 37P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 40P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188ID TI1-INA188ID Datasheet
1Mb / 37P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188ID TI1-INA188ID Datasheet
1Mb / 40P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188IDR TI1-INA188IDR Datasheet
1Mb / 37P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
More results


Similar Description - INA188

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA188 TI-INA188_15 Datasheet
1Mb / 37P
INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com