Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA206 Datasheet (PDF) - Texas Instruments

INA206 Datasheet PDF - Texas Instruments
Part # INA206
Download  INA206 Download
File Size   1582.51 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators

INA206 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA206 Datasheet PDF - Texas Instruments

Part # INA206
Download  INA206 Click to download

File Size   1582.51 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators

INA206 Datasheet (HTML) - Texas Instruments


INA206 Product details

1 Features
1• Complete Current Sense Solution
• Three Gain Options Available:
– INA206 = 20 V/V
– INA207 = 50 V/V
– INA208 = 100 V/V
• Dual Comparators:
– Comparator 1 With Latch
– Comparator 2 With Optional Delay
• Common-mode Range: –16 V to 80 V
• High Accuracy: 3.5% (Maximum) Over
Temperature
• Bandwidth: 500 kHz
• Quiescent Current: 1.8 mA
• Packages: SO-14, TSSOP-14, VSSOP-10

2 Applications
• Notebook Computers
• Cell Phones
• Telecom Equipment
• Automotive
• Power Management
• Battery Chargers
• Welding Equipment

3 Description
The INA206, INA207, and INA208 are a family of
undirectional current-shunt monitors with voltage output, dual comparators, and voltage reference. The
INA206, INA207, and INA208 can sense drops
across shunts at a common-mode voltages from –16
V to 80 V. The INA206, INA207, and INA208 are available with three output voltage scales: 20 V/V, 50
V/V, and 100 V/V, with up to 500-kHz bandwidth.
The INA206, INA207, and INA208 also incorporates
two open-drain comparators with internal 0.6-V
references. On 14-pin versions, the comparator
references can be overridden by external inputs.
Comparator 1 includes a latching capability, and Comparator 2 has a user-programmable delay on 14-
pin versions. The 14-pin versions also provide a 1.2 V
reference output.
The INA206, INA207, and INA208 operate from a
single 2.7-V to 18-V supply. They are specified over
the extended operating temperature range of –40°C
to 125°C.




Similar Part No. - INA206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA206 TI-INA206 Datasheet
433Kb / 23P
High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206A TI-INA206A Datasheet
433Kb / 23P
High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA206AID TI-INA206AID Datasheet
433Kb / 23P
High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA206AID TI1-INA206AID Datasheet
1Mb / 39P
Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results


Similar Description - INA206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA206 TI-INA206 Datasheet
433Kb / 23P
High-Side Measurement Current-Shunt Monitor with Dual Comparators
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
Unidirectional Measurement Current-Shunt Monitor
INA200 TI1-INA200_16 Datasheet
1Mb / 32P
INA20x High-Side Measurement Current-Shunt Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com