Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF147 Datasheet (PDF) - Texas Instruments

LF147 Datasheet PDF - Texas Instruments
Part # LF147
Download  LF147 Download
File Size   1444.78 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers

LF147 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF147 Datasheet PDF - Texas Instruments

Part # LF147
Download  LF147 Click to download

File Size   1444.78 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers

LF147 Datasheet (HTML) - Texas Instruments


LF147 Product details

1FEATURES
23• Internally Trimmed Offset Voltage: 5 mV max
• Low Input Bias Current: 50 pA
• Low Input Noise Current: 0.01 pA/√Hz
• Wide Gain Bandwidth: 4 MHz
• High Slew Rate: 13 V/μs
• Low Supply Current: 7.2 mA
• High Input Impedance: 1012Ω
• Low Total Harmonic Distortion: ≤0.02%
• Low 1/f Noise Corner: 50 Hz
• Fast Settling Time to 0.01%: 2 μs

DESCRIPTION
The LF147 is a low cost, high speed quad JFET input
operational amplifier with an internally trimmed input
offset voltage ( BI-FET II™ technology). The device
requires a low supply current and yet maintains a
large gain bandwidth product and a fast slew rate. In
addition, well matched high voltage JFET input devices provide very low input bias and offset
currents. The LF147 is pin compatible with the
standard LM148. This feature allows designers to
immediately upgrade the overall performance of
existing LF148 and LM124 designs.
The LF147 may be used in applications such as high speed integrators, fast D/A converters, sample-andhold
circuits and many other circuits requiring low
input offset voltage, low input bias current, high input
impedance, high slew rate and wide bandwidth. The
device has low noise and offset voltage drift.




Similar Part No. - LF147

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
STMicroelectronics
LF147 STMICROELECTRONICS-LF147 Datasheet
302Kb / 10P
WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
Mar-2001
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
77Kb / 9P
WIDE BANDWIDTH QUAD JFER INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF147 TI-LF147 Datasheet
1Mb / 21P
The LF147 is a low cost, high speed quad JFET input operational amplifier with an internally trimmed input offset voltage ( BI-FET II??technology).
LF147 TI1-LF147 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
More results


Similar Description - LF147

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
Wide Bandwidth Quad JFET Input Operational Amplifiers
LF453 NSC-LF453 Datasheet
219Kb / 8P
LF453 Wide-Bandwidth Dual JFET-Input Operational Amplifiers
MJLF147-X NSC-MJLF147-X Datasheet
75Kb / 11P
WIDE BANDWIDTH QUAD JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF147JAN TI1-LF147JAN Datasheet
837Kb / 18P
LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
LF147QML TI1-LF147QML Datasheet
839Kb / 18P
LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
LF347MX TI1-LF347MX Datasheet
1Mb / 21P
LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_V01 Datasheet
1Mb / 20P
LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com