Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF412C Datasheet (PDF) - Texas Instruments

LF412C Datasheet PDF - Texas Instruments
Part # LF412C
Download  LF412C Download
File Size   425.53 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL JFET-INPUT OPERATIONAL AMPLIFIER

LF412C Datasheet (PDF)

Go To PDF Page Download Datasheet
LF412C Datasheet PDF - Texas Instruments

Part # LF412C
Download  LF412C Click to download

File Size   425.53 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL JFET-INPUT OPERATIONAL AMPLIFIER

LF412C Datasheet (HTML) - Texas Instruments


LF412C Product details

Low Input Bias Current . . . 50 pA Typ
Low Input Noise Current
0.01 pA/√Hz Typ
Low Supply Current . . . 4.5 mA Typ
High Input impedance . . . 1012 Ω Typ
Internally Trimmed Offset Voltage
Wide Gain Bandwidth . . . 3 MHz Typ
High Slew Rate . . . 13 V/μs Typ

description
This device is a low-cost, high-speed, JFET-input operational amplifier with very low input offset voltage and
a specified maximum input offset voltage drift. It requires low supply current yet maintains a large gain bandwidth
product and a fast slew rate. In addition, the matched high-voltage JFET input provides very low input bias and
offset currents.
The LF412C can be used in applications such as high-speed integrators, digital-to-analog converters,
sample-and-hold circuits, and many other circuits.
The LF412C is characterized for operation from 0°C to 70°C.




Similar Part No. - LF412C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF412C TI-LF412C Datasheet
300Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412C TI1-LF412C Datasheet
382Kb / 10P
Dual JFET-INPUT Operational Amplifier
LF412CD TI-LF412CD Datasheet
300Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412CD TI1-LF412CD Datasheet
382Kb / 10P
Dual JFET-INPUT Operational Amplifier
LF412CD TI2-LF412CD Datasheet
425Kb / 12P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
REVISED AUGUST 1994
More results


Similar Description - LF412C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-215 AD-OP-215 Datasheet
393Kb / 8P
DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL092 TI-TL092 Datasheet
101Kb / 6P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP215 AD-OP215 Datasheet
162Kb / 8P
Dual Precision JFET-Input Operational Amplifier
4/02-REV.A
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412C TI-LF412C_07 Datasheet
300Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF353DRG4 TI-LF353DRG4 Datasheet
525Kb / 9P
JFET-INPUT DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
OP215GS AD-OP215GS Datasheet
145Kb / 8P
Dual Precision JFET-Input Operational Amplifier
REV. A
OP215 AD-OP215_15 Datasheet
163Kb / 8P
Dual Precision JFET-Input Operational Amplifier
REV. A
logo
Texas Instruments
LF412C TI1-LF412C Datasheet
382Kb / 10P
Dual JFET-INPUT Operational Amplifier
logo
Analog Devices
OP215 AD-OP215_17 Datasheet
193Kb / 9P
Dual Precision JFET-Input Operational Amplifier
23-Aug-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com