Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM140 Datasheet (PDF) - Texas Instruments

LM140 Datasheet PDF - Texas Instruments
Part # LM140
Download  LM140 Download
File Size   539.48 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM140K 3-Terminal Positive Regulator

LM140 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM140 Datasheet PDF - Texas Instruments

Part # LM140
Download  LM140 Click to download

File Size   539.48 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM140K 3-Terminal Positive Regulator

LM140 Datasheet (HTML) - Texas Instruments


LM140 Product details

1FEATURES
2• Complete Specifications at 1A Load
• Output Voltage Tolerances of ±4% at T j = 25°C
• Internal Thermal Overload Protection
• Internal Short-circuit Current Limit
• Output Transistor Safe Area Protection
• P+ Product Enhancement Tested

DESCRIPTION
The LM140K monolithic 3-terminal positive voltage
regulator employs internal current-limiting, thermal
shutdown and safe-area compensation, making them
essentially indestructible. If adequate heat sinking is
provided, they can deliver over 1.0A output current.
They are intended as fixed voltage regulators in a wide range of applications including local (on-card)
regulation for elimination of noise and distribution
problems associated with single-point regulation. In
addition to use as fixed voltage regulators, these
devices can be used with external components to
obtain adjustable output voltages and currents.
Considerable effort was expended to make the entire
series of regulators easy to use and minimize the
number of external components. It is not necessary to
bypass the output, although this does improve
transient response. Input bypassing is needed only if
the regulator is located far from the filter capacitor of
the power supply.
The LM140K is available in 5V, 12V and 15V options
in the steel TO-3 power package.




Similar Part No. - LM140

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
28Kb / 7P
VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM140 SEMTECH_ELEC-LM140 Datasheet
418Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - LM140

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
3-Terminal Positive Regulator
LM330 NSC-LM330 Datasheet
254Kb / 5P
3-Terminal Positive Regulator
logo
Continental Device Indi...
CL7808DT CDIL-CL7808DT Datasheet
189Kb / 4P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GI78LXX GTM-GI78LXX Datasheet
302Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
GI78MXX GTM-GI78MXX Datasheet
167Kb / 5P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML78L00-FBL1 MICRO-ELECTRONICS-ML78L00-FBL1 Datasheet
234Kb / 5P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9165 RICHTEK-RT9165_08 Datasheet
112Kb / 7P
150mA 3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
3-Terminal Positive Regulator
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
3-Terminal Positive Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com