Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM109K Datasheet (PDF) - Texas Instruments

LM109K Datasheet PDF - Texas Instruments
Part # LM109K
Download  LM109K Download
File Size   371.28 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM109/LM309 5-Volt Regulator

LM109K Datasheet (PDF)

Go To PDF Page Download Datasheet
LM109K Datasheet PDF - Texas Instruments

Part # LM109K
Download  LM109K Click to download

File Size   371.28 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM109/LM309 5-Volt Regulator

LM109K Datasheet (HTML) - Texas Instruments


LM109K Product details

General Description
The LM109 series are complete 5V regulators fabricated on
a single silicon chip. They are designed for local regulation
on digital logic cards, eliminating the distribution problems
association with single-point regulation. The devices are
available in two standard transistor packages. In the
solid-kovar TO-5 header, it can deliver output currents in
excess of 200 mA, if adequate heat sinking is provided. With
the TO-3 power package, the available output current is
greater than 1A.
The regulators are essentially blowout proof. Current limiting
is included to limit the peak output current to a safe value. In
addition, thermal shutdown is provided to keep the IC from
overheating. If internal dissipation becomes too great, the
regulator will shut down to prevent excessive heating.
Considerable effort was expended to make these devices
easy to use and to minimize the number of external components.
It is not necessary to bypass the output, although this
does improve transient response somewhat. Input bypassing
is needed, however, if the regulator is located very far
from the filter capacitor of the power supply. Stability is also
achieved by methods that provide very good rejection of load
or line transients as are usually seen with TTL logic.
Although designed primarily as a fixed-voltage regulator, the
output of the LM109 series can be set to voltages above 5V,
as shown. It is also possible to use the circuits as the control
element in precision regulators, taking advantage of the
good current-handling capability and the thermal overload
protection.

Features
Specified to be compatible, worst case, with TTL and
DTL
Output current in excess of 1A
Internal thermal overload protection
No external components required




Similar Part No. - LM109K

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM109K NSC-LM109K Datasheet
252Kb / 8P
5-Volt Regulator
logo
Texas Instruments
LM109K/883 TI1-LM109K/883 Datasheet
696Kb / 15P
LM109QML 5-Volt Regulator
logo
National Semiconductor ...
LM109KSTEEL NSC-LM109KSTEEL Datasheet
252Kb / 8P
5-Volt Regulator
logo
Texas Instruments
LM109KSTEEL/NOPB TI1-LM109KSTEEL/NOPB Datasheet
296Kb / 10P
5-Volt Regulator
More results


Similar Description - LM109K

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM109 NSC-LM109 Datasheet
252Kb / 8P
5-Volt Regulator
logo
Linear Technology
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
5 Volt, 5 Amp Voltage Regulator
logo
Seme LAB
LM79M05AHX SEME-LAB-LM79M05AHX Datasheet
32Kb / 2P
5 VOLT NEGATIVE VOLTAGE REGULATOR
logo
Texas Instruments
LM109QML TI1-LM109QML Datasheet
696Kb / 15P
LM109QML 5-Volt Regulator
logo
List of Unclassifed Man...
LM109JAN ETC2-LM109JAN Datasheet
788Kb / 16P
5-Volt Regulator
logo
Linear Technology
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Texas Instruments
LM109 TI-LM109_15 Datasheet
267Kb / 10P
5-Volt Regulator
LM109JAN TI-LM109JAN_15 Datasheet
294Kb / 13P
LM109JAN 5-Volt Regulator
LM109QML TI-LM109QML_15 Datasheet
452Kb / 17P
LM109QML 5-Volt Regulator
LM109 TI1-LM109_11 Datasheet
296Kb / 10P
5-Volt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com