Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM117 Datasheet (PDF) - Texas Instruments

LM117 Datasheet PDF - Texas Instruments
Part # LM117
Download  LM117 Download
File Size   2161.01 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection

LM117 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM117 Datasheet PDF - Texas Instruments

Part # LM117
Download  LM117 Click to download

File Size   2161.01 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection

LM117 Datasheet (HTML) - Texas Instruments


LM117 Product details

1 Features
1• Up to 60 V Input to Output Differential
• 1.5-A Output Current
• Line Regulation 0.01%/V (Typical)
• Load Regulation 0.1% (Typical)
• 80-dB Ripple Rejection (Typical)
• Internal Short-Circuit Current Limiting Protection
• Thermal Overload Protection
• –55 to 150°C Operating Temperature Range
(LM117HV)
• 0 to 125°C Operating Temperature Range
(LM317HV)

2 Applications
• Industrial Power Supplies
• PLC Systems
• Factory Automation Systems
• Building Automation Systems
• Battery Charger

3 Description
The LMx17HV is an adjustable 3-terminal positive
voltage regulator capable of supplying 1.5 A or more currents over a 1.25-V to 57-V output voltage range.
It requires only two external resistors to set the output
voltage. The LMx17HV is packaged in standard
transistor packages that are easily mounted and handled.
The LMx17HV offers overload protection like current limit, thermal overload protection and safe area
protection, which make the device blowout proof. The
overload protection circuitry remains fully functional
even if the adjustment terminal is disconnected.
Typically, no capacitors are needed unless the device
is situated more than 6 inches from the input filter
capacitors, in which case an input bypass is needed.
An optional output capacitor can be added to improve
transient response. The adjustment terminal can be
bypassed to achieve very high ripple rejection ratios
which are difficult to achieve with standard 3-terminal
regulators.
Since the regulator is floating and sees only the inputto-
output differential voltage, supplies of several
hundred volts can be regulated as long as the
maximum input to output differential is not exceeded,
or in other words, do not short the output to ground.
By connecting a fixed resistor between the
adjustment and output, the LMx17HV can also be
used as a precision current regulator. Supplies with
electronic shutdown can be achieved by clamping the
adjustment terminal to ground, which programs the
output to 1.25 V where most loads draw little current.




Similar Part No. - LM117

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
logo
STMicroelectronics
LM117 STMICROELECTRONICS-LM117 Datasheet
99Kb / 11P
1.2V TO 37V VOLTAGE REGULATOR
Nov-1999
logo
Seme LAB
LM117 SEME-LAB-LM117 Datasheet
42Kb / 4P
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
logo
STMicroelectronics
LM117 STMICROELECTRONICS-LM117 Datasheet
1,023Kb / 25P
1.2 V to 37 V adjustable voltage regulators
06-Feb-2008
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
1,013Kb / 28P
3-Terminal Adjustable Regulator
More results


Similar Description - LM117

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
Three-Terminal Adjustable Regulator
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
Three-Terminal Adjustable Regulator
logo
Texas Instruments
LM117HV TI-LM117HV_15 Datasheet
2Mb / 28P
LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection
LM317HV TI-LM317HV_15 Datasheet
2Mb / 28P
LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
High Voltage Three-Terminal Adjustable Regulator
LM317HV-MIL TI1-LM317HV-MIL Datasheet
2Mb / 26P
High Voltage Three-Terminal Adjustable Regulator With Overload Protection
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
Three-terminal adjustable output positive voltage regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com