Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA190 Datasheet (PDF) - Texas Instruments

INA190 Datasheet PDF - Texas Instruments
Part # INA190
Download  INA190 Download
File Size   1726.62 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE

INA190 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA190 Datasheet PDF - Texas Instruments

Part # INA190
Download  INA190 Click to download

File Size   1726.62 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE

INA190 Datasheet (HTML) - Texas Instruments


INA190 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Low input bias currents: 500 pA (typical)
(enables microamp current measurement)
• Low power:
– Low supply voltage, VS: 1.7 V to 5.5 V
– Low shutdown current: 100 nA (maximum)
– Low quiescent current: 50 μA at 25°C (typical)
• Accuracy:
– Common-mode rejection ratio: 132 dB
(minimum)
– Gain error: ±0.2% (A1 device)
– Gain drift: 7 ppm/°C (maximum)
– Offset voltage, VOS: ±15 μV (maximum)
– Offset drift: 80 nV/°C (maximum)
• Wide common-mode voltage: –0.2 V to +40 V with
survivability up to 42 V
• Bidirectional current sensing capability
• Gain options:
– INA190A1-Q1: 25 V/V
– INA190A2-Q1: 50 V/V
– INA190A3-Q1: 100 V/V
– INA190A4-Q1: 200 V/V
– INA190A5-Q1: 500 V/V

2 Applications
• Body control module (BCM)
• Telematics control unit
• Emergency call (eCall)
• Battery management system (BMS)
• Automotive head unit

3 Description
The INA190-Q1 is an automotive, low-power, voltageoutput,
current-shunt monitor (also called a currentsense
amplifier). This device is commonly used
for monitoring systems directly connected to an
automotive 12-V battery. The INA190-Q1 can sense
drops across shunts at common-mode voltages from
–0.2 V to +40 V, independent of the supply voltage.
In addition, the input pins have an absolute maximum
voltage of 42 V.
The low input bias current of the device permits the
use of larger current-sense resistors, thus providing
accurate current measurements in the microamp
range. The low offset voltage of the zero-drift
architecture extends the dynamic range of the current
measurement. This feature allows for smaller sense
resistors with lower power loss, while still providing
accurate current measurements.
The INA190-Q1 operates from a single 1.7-V to 5.5-
V power supply, and draws a maximum of 65 μA
of supply current when enabled; only 0.1 μA when
disabled. Five fixed gain options are available: 25 V/V,
50 V/V, 100 V/V, 200 V/V, or 500 V/V. The device
is specified over the operating temperature range of
–40°C to +125°C, and offered in SC70 and SOT-23
packages.




Similar Part No. - INA190

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA190 TI1-INA190 Datasheet
369Kb / 20P
Low Supply, Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA190 TI1-INA190 Datasheet
652Kb / 31P
Low-Supply, High-Accuracy, Low- and High-Side Current-Shunt Monitor With Picoamp Bias Current and Enable
INA190 TI1-INA190 Datasheet
1Mb / 41P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
INA190 TI1-INA190 Datasheet
541Kb / 29P
Automotive, 40-V, High Precision, Low Bias Current, Low Power, Current Sense Amplifier
INA190 TI1-INA190 Datasheet
1Mb / 45P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
2019
More results


Similar Description - INA190

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA293-Q1 TI-INA293-Q1_V01 Datasheet
1Mb / 27P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA293-Q1 TI-INA293-Q1_V02 Datasheet
1Mb / 29P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA191 TI-INA191_V01 Datasheet
2Mb / 41P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA191 TI-INA191_V02 Datasheet
2Mb / 42P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA186-Q1 TI-INA186-Q1_V02 Datasheet
2Mb / 40P
INA186-Q1 AEC-Q100, 40-V, Bidirectional, High-Precision Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA190-Q1 TI-INA190-Q1_V01 Datasheet
2Mb / 39P
INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA241A-Q1 TI-INA241A-Q1 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V01 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V02 Datasheet
2Mb / 38P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V03 Datasheet
2Mb / 39P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com