Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA186 Datasheet (PDF) - Texas Instruments

INA186 Datasheet PDF - Texas Instruments
Part # INA186
Download  INA186 Download
File Size   1877.32 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA186-Q1 AEC-Q100, 40-V, Bidirectional, High-Precision Current Sense Amplifier With picoamp IB and ENABLE

INA186 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA186 Datasheet PDF - Texas Instruments

Part # INA186
Download  INA186 Click to download

File Size   1877.32 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA186-Q1 AEC-Q100, 40-V, Bidirectional, High-Precision Current Sense Amplifier With picoamp IB and ENABLE

INA186 Datasheet (HTML) - Texas Instruments


INA186 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Wide common-mode voltage range, VCM:
–0.2 V to +40 V with survivability up to 42
V (recommended for automotive 12-V battery
applications)
• Low input bias currents, IIB: 500 pA (typical)
• Low power:
– Low supply voltage, VS: 1.7 V to 5.5 V
– Low quiescent current, IQ: 48 μA (typical)
• Accuracy:
– Common-mode rejection ratio: 120 dB
(minimum)
– Gain error, EG: ±1% (maximum)
– Gain drift: 10 ppm/°C (maximum)
– Offset voltage, VOS: ±50 μV (maximum)
– Offset drift: 0.5 μV/°C (maximum)
• Bidirectional current sensing capability
• Gain options:
– INA186A1-Q1: 25 V/V
– INA186A2-Q1: 50 V/V
– INA186A3-Q1: 100 V/V
– INA186A4-Q1: 200 V/V
– INA186A5-Q1: 500 V/V

2 Applications
• Body control module (BCM)
• Telematics control unit
• Emergency call (eCall)
• 12-V battery management system (BMS)
• Automotive head unit

3 Description
The INA186-Q1 is an automotive, low-power, voltageoutput,
current-sense amplifier (also called a currentshunt
monitor). This device is commonly used
for monitoring systems directly connected to an
automotive 12-V battery. The INA186-Q1 can sense
drops across shunts at common-mode voltages from
–0.2 V to +40 V, independent of the supply voltage.
In addition, the input pins have an absolute maximum
voltage of 42V.
The low input bias current of the INA186-Q1
permits the use of larger current-sense resistors,
thus providing accurate current measurements in the
microamp range. The low offset voltage of the zerodrift
architecture extends the dynamic range of the
current measurement. This feature allows for smaller
sense resistors with lower power loss, while still
providing accurate current measurements.
The INA186-Q1 operates from a single 1.7-V to 5.5-V
power supply, and draws a maximum of 90 μA of
supply current . Five fixed gain options are available:
25 V/V, 50 V/V, 100 V/V, 200 V/V, or 500 V/V. The
device is specified over the operating temperature
range of –40°C to +125°C, and offered in SC70,
SOT-23 (5), and SOT-23 (8) packages. The SC70
and SOT-23 (DDF) packages supports bidirectional
current measurement, whereas the SOT-23 (DBV)
only supports current measurement in one direction.




Similar Part No. - INA186

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA186 TI1-INA186 Datasheet
1Mb / 31P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
INA186 TI1-INA186 Datasheet
497Kb / 27P
Automotive, 40-V Current Sense Amplifier for Cost-Sensitive Systems
INA186 TI1-INA186 Datasheet
1Mb / 38P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
INA186 TI1-INA186 Datasheet
1Mb / 36P
INA186-Q1 Automotive, 40-V Current Sense Amplifier for Cost-Sensitive Systems
INA186 TI-INA186 Datasheet
2Mb / 46P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
REVISED JULY 2021
More results


Similar Description - INA186

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA186-Q1 TI1-INA186-Q1_V01 Datasheet
1Mb / 36P
INA186-Q1 Automotive, 40-V Current Sense Amplifier for Cost-Sensitive Systems
INA281-Q1 TI-INA281-Q1 Datasheet
1Mb / 25P
INA281-Q1 AEC-Q100, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
INA191 TI-INA191_V01 Datasheet
2Mb / 41P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA191 TI-INA191_V02 Datasheet
2Mb / 42P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA186-Q1 TI-INA186-Q1_V02 Datasheet
2Mb / 40P
INA186-Q1 AEC-Q100, 40-V, Bidirectional, High-Precision Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA190-Q1 TI-INA190-Q1_V01 Datasheet
2Mb / 39P
INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA241A-Q1 TI-INA241A-Q1 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V01 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V02 Datasheet
2Mb / 38P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V03 Datasheet
2Mb / 39P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com