Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM73-Q1 Datasheet (PDF) - Texas Instruments

LM73-Q1 Datasheet PDF - Texas Instruments
Part # LM73-Q1
Download  LM73-Q1 Download
File Size   797.56 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface

LM73-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM73-Q1 Datasheet PDF - Texas Instruments

Part # LM73-Q1
Download  LM73-Q1 Click to download

File Size   797.56 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface

LM73-Q1 Datasheet (HTML) - Texas Instruments


LM73-Q1 Product details

1 Features
1• Single Address Pin Offers Choice of Three
Selectable Addresses Per Version for a Total of
Six Possible Addresses.
• SMBus and I2C-compatible Two-Wire Interface
• Supports 400-Khz Operation
• Shutdown Mode With One-shot Feature Available
for Very Low Average Power Consumption
• Programmable Digital Temperature Resolution
From 11 Bits to 14 Bits
• Fast Conversion Rate Ideal for Quick Power Up
and Measuring Rapidly Changing Temperature
• Open-Drain ALERT Output Pin Goes Active When
Temperature is Above a Programmed
Temperature Limit
• Very Stable, Low-noise Digital Output
• UL Recognized Component
• Key Specifications
– Supply Current
– Operating
– 320 μA (Typical)
– 495 μA (Maximum)
– Shutdown
– 8 μA (Maximum)
– 1.9 μA (Typical)
– Temperature Accuracy
– −10°C to 80°C: ±1.0°C (Maximum)
– −25°C to 115°C: ±1.5°C (Maximum)
– −40°C to 150°C: ±2°C (Maximum)
– Resolution
– 0.25°C to 0.03125°C
– Conversion Time
– 11-Bit (0.25°C): 14 ms (Maximum)
– 14-Bit (0.03125°C): 112 ms (Maximum)

2 Applications
• Portable Electronics
• Notebook Computers
• Automotive
• System Thermal Management
• Office Electronics

3 Description
The LM73 is an integrated, digital-output temperature
sensor featuring an incremental Delta-Sigma ADC
with a two-wire interface that is compatible with the SMBus and I2C interfaces. The host can query the
LM73 at any time to read temperature.
Available in a 6-pin SOT package, the LM73 occupies
very little board area while operating over a wide
temperature range (–40°C to 150°C) and providing
±1°C accuracy from –10°C to 80°C. The user can
optimize between the conversion time and the
sensitivity of the LM73 by programming it to report temperature in any of four different resolutions.
Defaulting to 11-bit mode (0.25°C/LSB), the LM73
measures temperature in a maximum time of 14 ms,
making it ideal for applications that require
temperature data very soon after power-up. In its
maximum resolution, 14-bit mode (0.03125°C/LSB), the LM73 is optimized to sense very small changes in
temperature.
A single multi-level address line selects one of three
unique device addresses. An open-drain ALERT
output goes active when the temperature exceeds a
programmable limit. Both the data and clock lines are
filtered for excellent noise tolerance and reliable
communication. Additionally, a time-out feature on the
clock and data lines causes the LM73 to
automatically reset these lines if either is held low for
an extended time, thus exiting any bus lock-up
condition without processor intervention.




Similar Part No. - LM73-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM73-Q1 TI1-LM73-Q1 Datasheet
566Kb / 27P
2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
LM73-Q1 TI2-LM73-Q1 Datasheet
780Kb / 31P
LM73-Q1 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
DECEMBER 2016
LM73-Q1 TI2-LM73-Q1 Datasheet
796Kb / 31P
LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
REVISED OCTOBER 2015
More results


Similar Description - LM73-Q1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
logo
National Semiconductor ...
LM73 NSC-LM73 Datasheet
731Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73 NSC-LM73_06 Datasheet
733Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Analog Devices
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060BRJZ-1500RL7 AD-AD5060BRJZ-1500RL7 Datasheet
461Kb / 24P
Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
logo
Texas Instruments
LM73CIMK-0 TI1-LM73CIMK-0 Datasheet
1Mb / 26P
LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Analog Devices
AD5040 AD-AD5040_15 Datasheet
461Kb / 24P
Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
logo
Texas Instruments
LM73 TI-LM73_15 Datasheet
1Mb / 30P
2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
LM73-Q1 TI1-LM73-Q1 Datasheet
566Kb / 27P
2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
logo
Maxim Integrated Produc...
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com