Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTV56 Datasheet (PDF) - STMicroelectronics

DTV56 Datasheet PDF - STMicroelectronics
Part # DTV56
Download  DTV56 Download
File Size   141.32 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE

DTV56 Datasheet (PDF)

Go To PDF Page Download Datasheet
DTV56 Datasheet PDF - STMicroelectronics

Part # DTV56
Download  DTV56 Click to download

File Size   141.32 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE

DTV56 Datasheet (HTML) - STMicroelectronics


DTV56 Product details

Description
IF(AV) 5 A to 10 A VRRM 1500 V VF 1.3 V to 1.5 V MAIN PRODUCTS CHARACTERISTICS DTVseries ® (CRT HORIZONTAL DEFLECTION) HIGH VOLTAGE DAMPER DIODE K A TO-220AC DTVxxxD K A ISOWATT220AC DTVxxxF

Features
■ High voltage diode with high current capability dedicated to horizontal deflection. DTV16 is optimized to TV meanwhile DTV32 to DTV110 are covering the full range of monitors from the low end to the professional hi-definition SXGA CAD display units. These devices are packaged either in TO220-AC or in ISOWATT220AC.




Similar Part No. - DTV56

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DTV56 VISHAY-DTV56 Datasheet
141Kb / 5P
High Voltage Damper Diodes
07-Nov-07
DTV56 VISHAY-DTV56 Datasheet
126Kb / 5P
High Voltage Damper Diodes
14-Jan-11
DTV56-E3-45 VISHAY-DTV56-E3-45 Datasheet
126Kb / 5P
High Voltage Damper Diodes
14-Jan-11
DTV56-E3/45 VISHAY-DTV56-E3/45 Datasheet
141Kb / 5P
High Voltage Damper Diodes
07-Nov-07
DTV56B VISHAY-DTV56B Datasheet
141Kb / 5P
High Voltage Damper Diodes
07-Nov-07
More results


Similar Description - DTV56

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DTV1500HXX STMICROELECTRONICS-DTV1500HXX Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500MXX STMICROELECTRONICS-DTV1500MXX Datasheet
90Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV32G-1500B STMICROELECTRONICS-DTV32G-1500B Datasheet
85Kb / 6P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Nov-1997
logo
Sanyo Semicon Device
2SC3176 SANYO-2SC3176 Datasheet
73Kb / 3P
CRT Horizontal Deflection Output Applications (with Damper Diode)
logo
Fairchild Semiconductor
KSC5802 FAIRCHILD-KSC5802 Datasheet
85Kb / 5P
High Voltage Color Display Horizontal Deflection Output (No Damper Diode)
logo
KEC(Korea Electronics)
KSC5803 KEC-KSC5803 Datasheet
90Kb / 5P
High Voltage Color Display Horizontal Deflection Output(No Damper Diode)
logo
Fairchild Semiconductor
KSD5703 FAIRCHILD-KSD5703 Datasheet
69Kb / 5P
High Voltage Color Display Horizontal Deflection Output (No Damper Diode)
KSC5801 FAIRCHILD-KSC5801 Datasheet
79Kb / 6P
High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
logo
STMicroelectronics
DTV1500LFP STMICROELECTRONICS-DTV1500LFP Datasheet
42Kb / 5P
(CRT HORIZONTAL DEFLECTION) HIGH VOLTAGE DAMPER DIODE
Jan-2002
logo
Fairchild Semiconductor
KSD5702 FAIRCHILD-KSD5702 Datasheet
80Kb / 5P
High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com