Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-736 Datasheet (PDF) - Prokits Industries Co., LTD

PM-736 Datasheet PDF - Prokits Industries Co., LTD
Part # PM-736
Download  PM-736 Download
File Size   204.97 Kbytes
Page   2 Pages
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD
Description Long Nose Plier (135mm)

PM-736 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM-736 Datasheet PDF - Prokits Industries Co., LTD

Part # PM-736
Download  PM-736 Click to download

File Size   204.97 Kbytes
Page   2 Pages
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD
Description Long Nose Plier (135mm)

PM-736 Datasheet (HTML) - Prokits Industries Co., LTD


PM-736 Product details

Physical and function:
Making Pliers :Forged
Surface Finish of body:Nickiron
plated
Shape of cutting edge: Mini bevel
Material of body:Middle Carbon steels S45C
Color of body:Black
Spring: Coil spring
Handle assemble:Sleeve
Material of handle:PP, TPR
Color of handle:Black, Green
OAL (mm):135




Similar Part No. - PM-736

ManufacturerPart #DatasheetDescription
logo
Prokits Industries Co.,...
PM-736 PROSKITINDUSTRIES-PM-736 Datasheet
266Kb / 4P
PK-1700NA Electronic Master Kit (with NEMA plug)
PM-736 PROSKITINDUSTRIES-PM-736 Datasheet
990Kb / 2P
PK-2002B Professional Electrical And Mechanical Tool Set, 220V (with EU plug)
PM-736 PROSKITINDUSTRIES-PM-736 Datasheet
988Kb / 2P
PK-2002C Professional Electrical And Mechanical Tool Set, 220V (with UK plug)
PM-736 PROSKITINDUSTRIES-PM-736 Datasheet
1Mb / 2P
PK-710KA Basic Electronic Tool Kit (with 110V soldering iron)
More results


Similar Description - PM-736

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LGP730B-45CN ETC-LGP730B-45CN Datasheet
104Kb / 1P
NOSE ASSEMBLY
1680222 ETC2-1680222 Datasheet
121Kb / 1P
Water Pump Plier
BU-40A-0 ETC2-BU-40A-0 Datasheet
57Kb / 1P
Micro Plier-Type Clip
BU-41A-0 ETC2-BU-41A-0 Datasheet
91Kb / 1P
LARGE PLIER CLIP
BU-46A-0 ETC2-BU-46A-0 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46A-2 ETC2-BU-46A-2 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46C-0 ETC2-BU-46C-0 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46C-023Z ETC2-BU-46C-023Z Datasheet
81Kb / 1P
Miniature Plier-Type Clip
logo
Molex Electronics Ltd.
2002220710 MOLEX-2002220710 Datasheet
23Kb / 1P
Extraction Long Nose Plier Tool for MX150 Connectors
08/25/2022
logo
Lapp.
FL52ERA LAPP-FL52ERA Datasheet
839Kb / 3P
FLEXIMARK Plier FL52ERA FL52A
18.12.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com