Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM21215 Datasheet (PDF) - Texas Instruments

LM21215 Datasheet PDF - Texas Instruments
Part # LM21215
Download  LM21215 Download
File Size   1470.64 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM21215 2.95-V to 5.5-V, 12-A, Voltage-Mode Synchronous Buck Regulator

LM21215 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM21215 Datasheet PDF - Texas Instruments

Part # LM21215
Download  LM21215 Click to download

File Size   1470.64 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM21215 2.95-V to 5.5-V, 12-A, Voltage-Mode Synchronous Buck Regulator

LM21215 Datasheet (HTML) - Texas Instruments


LM21215 Product details

1 Features
• Integrated 7-mΩ high-side and 4.3-mΩ low-side
FET switches
• Adjustable current limit
• Adjustable output voltage from 0.6 V to VIN (100%
duty cycle capable), ±1% reference
• 2.95-V to 5.5-V input voltage range
• 500-kHz fixed switching frequency
• Start-up into prebiased loads
• Output voltage tracking capability
• Wide bandwidth voltage loop error amplifier
• Adjustable soft start with external capacitor
• Precision enable pin with hysteresis
• Integrated OVP, OTP, UVLO, and power good
• Thermally enhanced 20-pin HTSSOP exposed pad
package
• Create a custom design using the LM21215 with
the WEBENCH® Power Designer

2 Applications
• Broadband, networking, and wireless
communications
• High-performance FPGAs, ASICs, and
microprocessors
• Simple-to-design, high-efficiency point-of-load
regulation from a 5-V or 3.3-V bus

3 Description
The LM21215 is a monolithic synchronous point-ofload
buck regulator that is capable of delivering up
to 15 A of continuous output current while producing
an output voltage down to 0.6 V with outstanding
efficiency. The device is optimized to work over an
input voltage range of 2.95 V to 5.5 V, making it
suitable for a wide variety of low voltage systems.
The voltage mode control loop provides high noise
immunity, narrow duty cycle capability and can be
compensated to be stable with any type of output
capacitance, providing maximum flexibility and ease
of use.
The LM21215 features internal overvoltage protection
(OVP) and resistor-programmable overcurrent
protection (OCP) for increased system reliability. A
precision enable pin and integrated UVLO allow
turn-on of the device to be tightly controlled and
sequenced. Start-up inrush currents are limited by
both an internally fixed and externally adjustable softstart
circuit. Fault detection and supply sequencing
are possible with the integrated power good circuit.
The LM21215 is designed to work well in multi-rail
power supply architectures. The output voltage of
the device can be configured to track an external
voltage rail using the SS/TRK pin. If the output is
prebiased at start-up, it will not sink current, allowing
the output to smoothly rise past the prebiased voltage.
The regulator is offered in a 20-pin HTSSOP package
with an exposed pad that can be soldered to the PCB,
eliminating the need for bulky heat sinks.




Similar Part No. - LM21215

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM21215 NSC-LM21215 Datasheet
1Mb / 10P
Evaluation Board provides a solution to examine the high efficiency
logo
Texas Instruments
LM21215A TI1-LM21215A Datasheet
493Kb / 26P
LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM21215A TI2-LM21215A Datasheet
1Mb / 41P
LM21215A 2.95-V to 5.5-V,15-A, Voltage-Mode Synchronous Buck Converter With Frequency Synchronization
REVISED MAY 2019
LM21215AMH-1 TI1-LM21215AMH-1 Datasheet
493Kb / 26P
LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM21215AMH-1 TI1-LM21215AMH-1 Datasheet
1Mb / 38P
15-A Ultra High-Efficiency Synchronous Buck Converter
More results


Similar Description - LM21215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
logo
Vishay Siliconix
SIP12108 VISHAY-SIP12108 Datasheet
1Mb / 18P
2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
11-Nov-13
logo
Texas Instruments
TPS54388C-Q1 TI1-TPS54388C-Q1 Datasheet
1Mb / 41P
TPS54388C-Q1 Automotive 2.95-V to 6-V, 3-A , 2-MHz Synchronous Buck Converter
TPS57114C-Q1 TI1-TPS57114C-Q1 Datasheet
1Mb / 40P
TPS57114C-Q1 Automotive 2.95-V to 6-V, 4-A 2-MHz Synchronous Buck Converter
TPS54618C-Q1 TI-TPS54618C-Q1 Datasheet
2Mb / 42P
TPS54618C-Q1 Automotive 2.95-V to 6-V, 6-A, Synchronous Buck Converter
logo
Vishay Siliconix
SIP12108 VISHAY-SIP12108_V01 Datasheet
1Mb / 17P
2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
29-Jun-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com