Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25141 Datasheet (PDF) - Texas Instruments

LM25141 Datasheet PDF - Texas Instruments
Part # LM25141
Download  LM25141 Download
File Size   3619.31 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25141 Wide Input Range Synchronous Buck Controller

LM25141 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM25141 Datasheet PDF - Texas Instruments

Part # LM25141
Download  LM25141 Click to download

File Size   3619.31 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25141 Wide Input Range Synchronous Buck Controller

LM25141 Datasheet (HTML) - Texas Instruments


LM25141 Product details

1 Features
1• –40°C to +125°C Ambient Operating Temperature
Range
• An AEC-Q100 Qualified Device is Available
• VIN 3.8 V to 45 V (47 V Absolute Maximum)
• Output: Fixed 3.3 V, 5 V, or Adjustable From
1.5 V - 15 V with ±0.8% Accuracy
• Fixed 2.2 MHz or 440 kHz Switching Frequency
with ±5% Accuracy
• High-Side and Low-Side Gate Drive With Slew
Rate Control
• Optional Frequency Shift by Varying an Analog
Voltage or RT Resistor
• Optional Synchronization to an External Clock
• Optional Spread Spectrum
• Shutdown Mode IQ: 10 μA Typical
• Low Standby Mode IQ: 35 μA Typical
• 75 mV Current Limit Threshold with ±0.9%
Accuracy
• External Resistor or DCR Current Sensing
• Output Enable Logic Input
• Hiccup Mode for Sustained Overload
• Power Good Indication Output
• Selectable Diode Emulation or Forced Pulse
Width Modulation
• QFN-24 Package with Wettable Flanks
• Create a Custom Design Using the LM25141 With
the WEBENCH® Power Designer

2 Applications
• Medical Equipment
• Industrial Programmable Logic Controller
• Industrial PC
• Embedded PC

3 Description
The LM25141 is a synchronous buck controller,
intended for high voltage wide VIN step-down
converter applications. The control method is peak
current mode control. Current mode control provides
inherent line feed-forward, cycle-by-cycle current
limiting, and ease of loop compensation. The
LM25141 features slew rate control to simplify the
compliance with EMI requirements.
The LM25141 has two selectable switching
frequencies: 2.2 MHz and 440 kHz. Gate Drivers with
slew rate control that can be adjusted to reduce EMI.
In light or no-load conditions, the LM25141 operates
in skip cycle mode for improved low power efficiency.
The LM25141 has a high voltage bias regulator with
automatic switch-over to an external bias to reduce
the IQ current from VIN. Additional features include
frequency synchronization, cycle-by-cycle current
limit, hiccup mode fault protection for sustained
overload, and power good output.




Similar Part No. - LM25141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
LM25141 TI-LM25141 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25141 TI-LM25141 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25141 TI-LM25141 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM25141 TI1-LM25141 Datasheet
3Mb / 60P
LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results


Similar Description - LM25141

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
Wide Input Range Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
Wide Input Range Non-Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
Wide Input Range Dual Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
Wide Input Range Synchronous Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com