Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25145 Datasheet (PDF) - Texas Instruments

LM25145 Datasheet PDF - Texas Instruments
Part # LM25145
Download  LM25145 Download
File Size   1630.82 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25145 6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range

LM25145 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM25145 Datasheet PDF - Texas Instruments

Part # LM25145
Download  LM25145 Click to download

File Size   1630.82 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25145 6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range

LM25145 Datasheet (HTML) - Texas Instruments


LM25145 Product details

1 Features
1• Versatile Synchronous Buck DC-DC Controller
– Wide Input Voltage Range of 6 V to 42 V
– Adjustable Output Voltage From 0.8 V to 40 V
• Meets EN55022 / CISPR 22 EMI Standards
• Lossless RDS(on) or Shunt Current Sensing
• Switching Frequency From 100 kHz to 1 MHz
– SYNC In and SYNC Out Capability
• 40-ns Minimum On-Time for High VIN / VOUT Ratio
• 140-ns Minimum Off-Time for Low Dropout
• 0.8-V Reference With ±1% Feedback Accuracy
• 7.5-V Gate Drivers for Standard VTH MOSFETs
– 14-ns Adaptive Dead-Time Control
– 2.3-A Source and 3.5-A Sink Capability
– Low-Side Soft-Start for Prebiased Start-Up
• Adjustable Soft-Start or Optional Voltage Tracking
• Fast Line and Load Transient Response
– Voltage-Mode Control With Line Feedforward
– High Gain-Bandwidth Error Amplifier
• Precision Enable Input and Open-Drain Power
Good Indicator for Sequencing and Control
• Inherent Protection Features for Robust Design
– Hiccup Mode Overcurrent Protection
– Input UVLO With Hysteresis
– VCC and Gate Drive UVLO Protection
– Thermal Shutdown Protection With Hysteresis
• VQFN-20 Package With Wettable Flanks
• Create a Custom Design Using the LM25145 With
WEBENCH® Power Designer

2 Applications
• Telecom Infrastructure
• Factory Automation
• Test and Measurement
• Industrial Motor Drives

3 Description
The LM25145 42-V synchronous buck controller is
designed to regulate from a high input voltage source
or from an input rail subject to high voltage transients,
minimizing the need for external surge suppression
components. A high-side switch minimum on-time of
40 ns facilitates large step-down ratios, enabling the
direct step-down conversion from a 24 V nominal
input to low-voltage rails for reduced system
complexity and solution cost. The LM25145 continues
to operate during input voltage dips as low as 6 V, at
nearly 100% duty cycle if needed, making it well
suited for high-performance industrial control, robotic,
datacom, and RF power amplifier applications.
Forced-PWM (FPWM) operation eliminates frequency
variation to minimize EMI, while a user-selectable
diode emulation feature lowers current consumption
at light-load conditions. Cycle-by-cycle overcurrent
protection is accomplished by measuring the voltage
drop across the low-side MOSFET or by using an
optional current sense resistor. The adjustable
switching frequency as high as 1 MHz can be
synchronized to an external clock source to eliminate
beat frequencies in noise-sensitive applications.




Similar Part No. - LM25145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25145 TI1-LM25145 Datasheet
2Mb / 62P
6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM25145 TI-LM25145 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25145 TI-LM25145 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25145 TI-LM25145 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM25145 TI1-LM25145 Datasheet
3Mb / 60P
LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results


Similar Description - LM25145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5145 TI1-LM5145 Datasheet
2Mb / 67P
6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM25145 TI1-LM25145 Datasheet
2Mb / 62P
6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1 Datasheet
1Mb / 56P
95-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1_18 Datasheet
2Mb / 61P
100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145-Q1 TI-LM5145-Q1 Datasheet
4Mb / 62P
LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146_V01 Datasheet
3Mb / 63P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25143 TI-LM25143 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
logo
Texas Instruments
LV5144 TI1-LV5144 Datasheet
3Mb / 60P
LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com