Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2917 Datasheet (PDF) - Texas Instruments

LM2917 Datasheet PDF - Texas Instruments
Part # LM2917
Download  LM2917 Download
File Size   4129.43 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2907 and LM2917 Frequency to Voltage Converter

LM2917 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2917 Datasheet PDF - Texas Instruments

Part # LM2917
Download  LM2917 Click to download

File Size   4129.43 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2907 and LM2917 Frequency to Voltage Converter

LM2917 Datasheet (HTML) - Texas Instruments


LM2917 Product details

1 Features
1• Ground Referenced Tachometer Input Interfaces
Directly With Variable Reluctance Magnetic
Pickups
• Op Amp Has Floating Transistor Output
• 50-mA Sink or Source to Operate Relays,
Solenoids, Meters, or LEDs
• Frequency Doubling For Low Ripple
• Tachometer Has Built-In Hysteresis With Either
Differential Input or Ground Referenced Input
• ±0.3% Linearity (Typical)
• Ground-Referenced Tachometer is Fully Protected
From Damage Due to Swings Above VCC and
Below Ground
• Output Swings to Ground For Zero Frequency
Input
• Easy to Use; VOUT = fIN × VCC × R1 × C1
• Zener Regulator on Chip allows Accurate and
Stable Frequency to Voltage or Current
Conversion (LM2917)

2 Applications
• Over- and Under-Speed Sensing
• Frequency-to-Voltage Conversion (Tachometer)
• Speedometers
• Breaker Point Dwell Meters
• Hand-Held Tachometers
• Speed Governors
• Cruise Control
• Automotive Door Lock Control
• Clutch Control
• Horn Control
• Touch or Sound Switches

3 Description
The LM2907 and LM2917 devices are monolithic
frequency-to-voltage converters with a high gain op
amp designed to operate a relay, lamp, or other load
when the input frequency reaches or exceeds a
selected rate. The tachometer uses a charge pump
technique and offers frequency doubling for lowripple,
full-input protection in two versions (8-pin
LM2907 and LM2917), and its output swings to
ground for a zero frequency input.
The op amp is fully compatible with the tachometer
and has a floating transistor as its output. This feature
allows either a ground or supply referred load of up to
50 mA. The collector may be taken above VCC up to a
maximum VCE of 28 V.
The two basic configurations offered include an 8-pin
device with a ground-referenced tachometer input
and an internal connection between the tachometer
output and the op amp noninverting input. This
version is well suited for single speed or frequency
switching or fully buffered frequency-to-voltage
conversion applications.




Similar Part No. - LM2917

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2917 NSC-LM2917 Datasheet
326Kb / 21P
Frequency to Voltage Converter
LM2917 NSC-LM2917 Datasheet
326Kb / 18P
Frequency to Voltage Converter
logo
Texas Instruments
LM2917-N TI-LM2917-N Datasheet
2Mb / 32P
LM2907/LM2917 Frequency to Voltage Converter
LM2917-N TI1-LM2917-N Datasheet
2Mb / 31P
Frequency to Voltage Converter
logo
National Semiconductor ...
LM2917EP NSC-LM2917EP Datasheet
712Kb / 21P
Enhanced Plastic Frequency to Voltage Converter
More results


Similar Description - LM2917

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Texas Instruments
LM2907-N TI1-LM2907-N Datasheet
535Kb / 24P
LM2907/LM2917 Frequency to Voltage Converter
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
LM2907MX TI-LM2907MX Datasheet
2Mb / 32P
LM2907/LM2917 Frequency to Voltage Converter
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
AD650 AD-AD650_17 Datasheet
449Kb / 21P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com