Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM386 Datasheet (PDF) - Texas Instruments

LM386 Datasheet PDF - Texas Instruments
Part # LM386
Download  LM386 Download
File Size   1431.07 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM386 Low Voltage Audio Power Amplifier

LM386 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM386 Datasheet PDF - Texas Instruments

Part # LM386
Download  LM386 Click to download

File Size   1431.07 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM386 Low Voltage Audio Power Amplifier

LM386 Datasheet (HTML) - Texas Instruments


LM386 Product details

1 Features
• Battery Operation
• Minimum External Parts
• Wide Supply Voltage Range: 4 V–12 V or
5 V–18 V
• Low Quiescent Current Drain: 4 mA
• Voltage Gains from 20 to 200
• Ground-Referenced Input
• Self-Centering Output Quiescent Voltage
• Low Distortion: 0.2% (AV = 20, VS = 6 V, RL = 8 Ω,
PO = 125 mW, f = 1 kHz)
• Available in 8-Pin MSOP Package

2 Applications
• AM-FM Radio Amplifiers
• Portable Tape Player Amplifiers
• Intercoms
• TV Sound Systems
• Line Drivers
• Ultrasonic Drivers
• Small Servo Drivers
• Power Converters

3 Description
The LM386M-1 and LM386MX-1 are power amplifiers
designed for use in low voltage consumer
applications. The gain is internally set to 20 to keep
external part count low, but the addition of an external
resistor and capacitor between pins 1 and 8 increases
the gain to any value from 20 to 200.
The inputs are ground referenced while the output
automatically biases to one-half the supply voltage.
The quiescent power drain is only 24 mW when
operating from a 6-V supply, making the LM386M-1
and LM386MX-1 prefered for battery operation.




Similar Part No. - LM386

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM386 NSC-LM386 Datasheet
251Kb / 9P
Low Voltage Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386 Datasheet
249Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM386 TI1-LM386 Datasheet
309Kb / 11P
Low Voltage Audio Power Amplifier
logo
ARTSCHIP ELECTRONICS CO...
LM386 ARTSCHIP-LM386 Datasheet
411Kb / 9P
Low Voltage Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386 Datasheet
236Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Similar Description - LM386

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM386D TGS-LM386D Datasheet
1Mb / 6P
Low Voltage Audio Power Amplifier
logo
Texas Instruments
LM386M-1 TI-LM386M-1 Datasheet
318Kb / 11P
LM386 Low Voltage Audio Power Amplifier
LM386N-1 TI1-LM386N-1 Datasheet
309Kb / 11P
LM386 Low Voltage Audio Power Amplifier
1640767 TI-1640767 Datasheet
309Kb / 11P
LM386 Low Voltage Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com