Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM43603 Datasheet (PDF) - Texas Instruments

LM43603 Datasheet PDF - Texas Instruments
Part # LM43603
Download  LM43603 Download
File Size   1713.75 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM43602 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter

LM43603 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM43603 Datasheet PDF - Texas Instruments

Part # LM43603
Download  LM43603 Click to download

File Size   1713.75 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM43602 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter

LM43603 Datasheet (HTML) - Texas Instruments


LM43603 Product details

1 Features
1• 27-μA Quiescent Current in Regulation
• High Efficiency at Light Load (DCM and PFM)
• Meets EN55022/CISPR 22 EMI standards
• Integrated Synchronous Rectification
• Adjustable Frequency Range: 200 kHz to 2.2 MHz
(500 kHz Default)
• Frequency Synchronization to External Clock
• Internal Compensation
• Stable with Almost Any Combination of Ceramic,
Polymer, Tantalum, and Aluminum Capacitors
• Power-Good Flag
• Soft-Start into a Pre-Biased Load
• Internal Soft Start: 4.1 ms
• Extendable Soft-Start Time by External Capacitor
• Output Voltage Tracking Capability
• Precision Enable to Program System UVLO
• Output Short Circuit Protection with Hiccup Mode
• Overtemperature Thermal Shutdown Protection
• Create a Custom Design Using the LM43602 with
the WEBENCH® Power Designer

2 Applications
• Industrial Power Supplies
• Telecommunications Systems
• Sub-AM Band Automotive
• General Purpose Wide VIN Regulation
• High Efficiency Point-Of-Load Regulation

3 Description
The LM43602 regulator is an easy-to-use
synchronous step-down DC-DC converter capable of
driving up to 2 A of load current from an input voltage
ranging from 3.5 V to 36 V (42-V absolute maximum).
The LM43602 provides exceptional efficiency, output
accuracy, and dropout voltage in a very small solution
size. An extended family is available in 0.5-A, 1-A,
and 3-A load current options in pin-to-pin compatible
packages. Peak current-mode control is employed to
achieve simple control loop compensation and cycleby-
cycle current limiting. Optional features such as
programmable switching frequency, synchronization,
power-good flag, precision enable, internal soft start,
extendable soft start, and tracking provide a flexible
and easy-to-use platform for a wide range of
applications. Discontinuous conduction and automatic
frequency modulation at light loads improve light-load
efficiency. The family requires few external
components and terminal arrangement allows simple,
optimum PCB layout. Protection features include
thermal shutdown, VCC undervoltage lockout, cycleby-
cycle current limit, and output short circuit
protection. The LM43602 device is available in a 16-
lead HTSSOP package (5.1 mm × 6.6 mm × 1.2 mm)
and 16-pin VSON package with wettable flanks.




Similar Part No. - LM43603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603 TI2-LM43603 Datasheet
2Mb / 58P
LM43603 3.5-V to 36-V, 3A Synchronous Step-Down Voltage Converter
REVISED AUGUST 2017
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Similar Description - LM43603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43602 TI-LM43602_15 Datasheet
1Mb / 44P
LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI-LM43602-Q1_15 Datasheet
1Mb / 43P
LM43602-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LMR33620-Q1 TI1-LMR33620-Q1 Datasheet
2Mb / 48P
3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620-Q1 TI1-LMR33620-Q1_18 Datasheet
2Mb / 47P
3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620-Q1_1812 TI1-LMR33620-Q1_1812 Datasheet
2Mb / 47P
3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com