Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM46002 Datasheet (PDF) - Texas Instruments

LM46002 Datasheet PDF - Texas Instruments
Part # LM46002
Download  LM46002 Download
File Size   1966.87 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter

LM46002 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM46002 Datasheet PDF - Texas Instruments

Part # LM46002
Download  LM46002 Click to download

File Size   1966.87 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter

LM46002 Datasheet (HTML) - Texas Instruments


LM46002 Product details

1 Features
1• 27-μA Quiescent current in regulation
• High efficiency at light load (DCM and PFM)
• Meets EN55022/CISPR 22 EMI standards
• Integrated synchronous rectification
• Adjustable frequency range: 200 kHz to 2.2 MHz
(500 kHz default)
• Frequency synchronization to external clock
• Internal compensation
• Stable with almost any combination of ceramic,
polymer, tantalum, and aluminum capacitors
• Power-good flag
• Soft start into prebiased load
• Internal soft start: 4.1 ms
• Extendable soft-start time by external capacitor
• Output voltage tracking capability
• Precision enable to program system UVLO
• Output short-circuit protection with hiccup mode
• Overtemperature thermal shutdown protection
• Create a custom design using the LM46002 with
the WEBENCH® Power Designer

2 Applications
• Industrial power supplies
• Telecommunications systems
• Sub-AM band automotive
• Commercial vehicle power supplies
• General-purpose wide VIN regulation
• High-efficiency point-of-load regulation

3 Description
The LM46002 regulator is an easy-to-use
synchronous step-down DC/DC converter capable of
driving up to 2 A of load current from an input voltage
ranging from 3.5 V to 60 V. The LM46002 provides
exceptional efficiency, output accuracy and drop-out
voltage in a very small solution size. An extended
family is available in various load current options and
36-V maximum input voltage in pin-to-pin compatible
packages, including LM46001, LM46000, LM43603,
LM43602, LM43601 and LM43600. Peak-currentmode
control is employed to achieve simple controlloop
compensation and cycle-by-cycle current
limiting. Optional features such as programmable
switching frequency, synchronization, power-good
flag, precision enable, internal soft start, extendable
soft start, and tracking provide a flexible and easy-touse
platform for a wide range of applications.
Discontinuous conduction and automatic frequency
reduction at light loads improve light load efficiency.
The family requires few external components. Pin
arrangement allows simple, optimum PCB layout.
Protection features include thermal shutdown, VCC
undervoltage lockout, cycle-by-cycle current limit, and
output short-circuit protection. The LM46002 device is
available in the 16-lead HTSSOP / PWP package
(6.6 mm × 5.1 mm × 1.2 mm) with 0.65-mm lead
pitch.




Similar Part No. - LM46002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46002 TI-LM46002 Datasheet
1Mb / 52P
SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI1-LM46002 Datasheet
2Mb / 60P
3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1 Datasheet
1Mb / 52P
SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
More results


Similar Description - LM46002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com