Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4808 Datasheet (PDF) - Texas Instruments

LM4808 Datasheet PDF - Texas Instruments
Part # LM4808
Download  LM4808 Download
File Size   1499.99 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4808 Low Voltage High Power Audio Power Amplifier

LM4808 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4808 Datasheet PDF - Texas Instruments

Part # LM4808
Download  LM4808 Click to download

File Size   1499.99 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4808 Low Voltage High Power Audio Power Amplifier

LM4808 Datasheet (HTML) - Texas Instruments


LM4808 Product details

1FEATURES
2• WSON, VSSOP, and SOIC Surface Mount
Packaging
• Switch On/Off Click Suppression
• Excellent Power Supply Ripple Rejection
• Unity-Gain Stable
• Minimum External Components

APPLICATIONS
• Headphone Amplifier
• Personal Computers
• Portable Electronic Devices

KEY SPECIFICATIONS
• THD+N at 1kHz at 105mW Continuous Average
Output Power Into 16Ω 0.1 % (typ)
• THD+N at 1kHz at 70mW Continuous Average
Output Power Into 32Ω 0.1 % (typ)
• Output Power at 0.1% THD+N at 1kHz Into 32Ω
70 mW (typ)

DESCRIPTION
The LM4808 is a dual audio power amplifier capable
of delivering 105mW per channel of continuous
average power into a 16Ω load with 0.1% (THD+N)
from a 5V power supply.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components using
surface mount packaging. Since the LM4808 does
not require bootstrap capacitors or snubber networks,
it is optimally suited for low-power portable systems.
The unity-gain stable LM4808 can be configured by
external gain-setting resistors.




Similar Part No. - LM4808

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4808 NSC-LM4808 Datasheet
674Kb / 13P
Dual 105 mW Headphone Amplifier
LM4808M NSC-LM4808M Datasheet
674Kb / 13P
Dual 105 mW Headphone Amplifier
logo
Texas Instruments
LM4808M/NOPB TI1-LM4808M/NOPB Datasheet
1Mb / 24P
Low Voltage High Power Audio Power Amplifier
logo
National Semiconductor ...
LM4808MM NSC-LM4808MM Datasheet
674Kb / 13P
Dual 105 mW Headphone Amplifier
logo
Texas Instruments
LM4808MM/NOPB TI1-LM4808MM/NOPB Datasheet
1Mb / 24P
Low Voltage High Power Audio Power Amplifier
More results


Similar Description - LM4808

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4804 NSC-LM4804 Datasheet
820Kb / 16P
Low Voltage High Power Audio Power Amplifier
logo
New Japan Radio
NJM2770 NJRC-NJM2770 Datasheet
44Kb / 4P
HIGH-POWER & LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4805_0508 NSC-LM4805_0508 Datasheet
1Mb / 19P
Low Voltage High Power Audio Power Amplifier
logo
Texas Instruments
LM4808MX TI1-LM4808MX Datasheet
1Mb / 24P
Low Voltage High Power Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM4804 TI1-LM4804 Datasheet
1Mb / 22P
Audio Power Amplifier SerieLow Voltage High Power Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com