Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4910 Datasheet (PDF) - Texas Instruments

LM4910 Datasheet PDF - Texas Instruments
Part # LM4910
Download  LM4910 Download
File Size   1313.59 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier

LM4910 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4910 Datasheet PDF - Texas Instruments

Part # LM4910
Download  LM4910 Click to download

File Size   1313.59 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier

LM4910 Datasheet (HTML) - Texas Instruments


LM4910 Product details

1FEATURES
2• Eliminates headphone amplifier output
coupling capacitors
• Eliminates half-supply bypass capacitor
• Advanced pop & click circuitry eliminates
noises during turn-on and turn-off
• Ultra-low current shutdown mode
• Unity-gain stable
• 2.2V - 5.5V operation
• Available in space-saving MSOP, LLP, and
SOIC packages

APPLICATIONS
• Mobile Phones
• PDAs
• Portable electronics devices
• Portable MP3 players

DESCRIPTION
The LM4910 is an audio power amplifier primarily designed for headphone applications in portable device
applications. It is capable of delivering 35mW of continuous average power to a 32Ω load with less than 1%
distortion (THD+N) from a 3.3VDC power supply.
The LM4910 utilizes a new circuit topology that eliminates output coupling capacitors and half-supply bypass
capacitors. The LM4910 contains advanced pop & click circuitry which eliminates noises caused by transients
that would otherwise occur during turn-on and turn-off.
Boomer audio power amplifiers were designed specifically to provide high quality output power with a minimal
amount of external components. Since the LM4910 does not require any output coupling capacitors, half-supply
bypass capacitors, or bootstrap capacitors, it is ideally suited for low-power portable applications where minimal
space and power consumption are primary requirements.
The LM4910 features a low-power consumption shutdown mode, activated by driving the shutdown pin with logic
low. Additionally, the LM4910 features an internal thermal shutdown protection mechanism. The LM4910 is also
unity-gain stable and can be configured by external gain-setting resistors.




Similar Part No. - LM4910

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
Output Capacitor-less Stereo 35mW Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 26P
Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
logo
Texas Instruments
LM49100 TI1-LM49100 Datasheet
4Mb / 33P
Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
LM49100GR/NOPB TI1-LM49100GR/NOPB Datasheet
4Mb / 33P
Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
More results


Similar Description - LM4910

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
Output Capacitor-less Stereo 35mW Headphone Amplifier
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
Stereo Headphone Amplifier
logo
Eutech Microelectronics...
EUA6210 EUTECH-EUA6210 Datasheet
452Kb / 10P
Output Capacitor-less 67mW Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
Stereo Headphone Amplifier
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
logo
Rohm
BD8876FV ROHM-BD8876FV Datasheet
1Mb / 24P
Output Coupling Capacitor-less Line Amplifier
logo
Jiaxing Heroic Technolo...
HT4832 HEROIC-HT4832 Datasheet
430Kb / 3P
33mW output-free capacitor stereo headphone amplifier
HT97220 HEROIC-HT97220 Datasheet
946Kb / 6P
125mW Stereo Line Driver/Headphone Amplifier with Output Coupling Capacitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com