Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5143 Datasheet (PDF) - Texas Instruments

LM5143 Datasheet PDF - Texas Instruments
Part # LM5143
Download  LM5143 Download
File Size   3592.79 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range

LM5143 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5143 Datasheet PDF - Texas Instruments

Part # LM5143
Download  LM5143 Click to download

File Size   3592.79 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range

LM5143 Datasheet (HTML) - Texas Instruments


LM5143 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Versatile synchronous buck DC/DC controller
– Wide input voltage range of 5.5 V to 100 V
– 150°C maximum junction temperature
– 0.8-V reference with ±1% feedback accuracy
– Adjustable output voltage from 0.8 V to 60 V
– 40-ns tON(min) for high VIN / VOUT ratio
– 140-ns tOFF(min) for low dropout
– Lossless RDS(on) or shunt current sensing
– Optimized for CISPR 11 and CISPR 32 Class B
EMI requirements
• Switching frequency from 100 kHz to 1 MHz
– SYNC in and SYNC out capability
– Selectable diode emulation or FPWM
• 7.5-V gate drivers for standard VTH MOSFETs
– 14-ns adaptive dead-time control
– 2.3-A source and 3.5-A sink capability
• Fast line and load transient response
– Voltage-mode control with line feedforward
– High gain-bandwidth error amplifier
• Inherent protection features for robust design
– Adjustable output voltage soft start
– Hiccup-mode overcurrent protection
– Input UVLO with hysteresis
– VCC and gate-drive UVLO protection
– Precision enable input and open-drain PGOOD
indicator for sequencing and control
– Thermal shutdown protection with hysteresis
• 20-pin VQFN package with wettable flanks
• Create a custom design using the LM5146 with
WEBENCH® Power Designer

2 Applications
• Wireless infrastructure, cloud computing
• Industrial motor drives, test and measurement
• Personal transport vehicle: electric bike
• Asset tracking and fleet management systems
• Non-isolated PoE, IP cameras
• Inverting buck-boost regulators

3 Description
The LM5146 100-V synchronous buck controller
regulates from a high input voltage source or from an
input rail subject to high-voltage transients, minimizing
the need for external surge suppression components.
A high-side switch minimum on-time of 40 ns gives
large step-down ratios, enabling the direct step-down
conversion from a 48-V nominal input to low-voltage
rails for reduced system complexity and solution cost.
The LM5146 continues to operate during input voltage
dips as low as 5.5 V, at nearly 100% duty cycle
if needed, making it an excellent choice for highperformance
industrial controls, robotics, datacom,
and RF applications.
Forced-PWM (FPWM) operation eliminates switching
frequency variation to minimize EMI, while
user-selectable diode emulation lowers current
consumption at light-load conditions. The adjustable
switching frequency as high as 1 MHz can be
synchronized to an external clock source to eliminate
beat frequencies in noise-sensitive applications.




Similar Part No. - LM5143

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5143 TI-LM5143 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5143 TI-LM5143 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5143 TI-LM5143 Datasheet
4Mb / 70P
LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5143 TI-LM5143 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM5143 TI1-LM5143 Datasheet
3Mb / 60P
LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results


Similar Description - LM5143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Texas Instruments
LM5145 TI1-LM5145 Datasheet
2Mb / 67P
6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM25145 TI1-LM25145 Datasheet
2Mb / 62P
6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1 Datasheet
1Mb / 56P
95-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1_18 Datasheet
2Mb / 61P
100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145-Q1 TI-LM5145-Q1 Datasheet
4Mb / 62P
LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146_V01 Datasheet
3Mb / 63P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
logo
Texas Instruments
LV5144 TI1-LV5144 Datasheet
3Mb / 60P
LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com