Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM567C Datasheet (PDF) - Texas Instruments

LM567C Datasheet PDF - Texas Instruments
Part # LM567C
Download  LM567C Download
File Size   2697.62 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM567x Tone Decoder

LM567C Datasheet (PDF)

Go To PDF Page Download Datasheet
LM567C Datasheet PDF - Texas Instruments

Part # LM567C
Download  LM567C Click to download

File Size   2697.62 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM567x Tone Decoder

LM567C Datasheet (HTML) - Texas Instruments


LM567C Product details

1 Features
• 20 to 1 Frequency Range With an External
Resistor
• Logic Compatible Output With 100-mA Current
Sinking Capability
• Bandwidth Adjustable From 0 to 14%
• High Rejection of Out of Band Signals and Noise
• Immunity to False Signals
• Highly Stable Center Frequency
• Center Frequency Adjustable from 0.01 Hz to
500 kHz

2 Applications
• Touch Tone Decoding
• Precision Oscillator
• Frequency Monitoring and Control
• Wide Band FSK Demodulation
• Ultrasonic Controls
• Carrier Current Remote Controls
• Communications Paging Decoders

3 Description
The LM567 and LM567C are general purpose tone
decoders designed to provide a saturated transistor
switch to ground when an input signal is present
within the passband. The circuit consists of an I and Q
detector driven by a voltage controlled oscillator which
determines the center frequency of the decoder.
External components are used to independently set
center frequency, bandwidth and output delay.




Similar Part No. - LM567C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM567C NSC-LM567C Datasheet
296Kb / 8P
Tone Decoder
LM567C NSC-LM567C Datasheet
339Kb / 12P
Tone Decoder
LM567CH NSC-LM567CH Datasheet
296Kb / 8P
Tone Decoder
LM567CH NSC-LM567CH Datasheet
339Kb / 12P
Tone Decoder
LM567CM NSC-LM567CM Datasheet
296Kb / 8P
Tone Decoder
More results


Similar Description - LM567C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
Tone Decoder
LMC567 NSC-LMC567 Datasheet
168Kb / 7P
Low Power Tone Decoder
logo
Rohm
BA1604 ROHM-BA1604 Datasheet
94Kb / 5P
PLL tone decoder IC
logo
Daewoo Semiconductor
DBL567 DAEWOO-DBL567 Datasheet
192Kb / 4P
TONE DECODER
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
TONE DECODER
logo
Exar Corporation
XR-2211A EXAR-XR-2211A Datasheet
246Kb / 24P
FSK Demodulator/ Tone Decoder
XR-L567 EXAR-XR-L567 Datasheet
147Kb / 2P
Micropower Tone Decoder
logo
National Semiconductor ...
LM567 NSC-LM567_03 Datasheet
339Kb / 12P
Tone Decoder
logo
Texas Instruments
LM567CMX TI1-LM567CMX Datasheet
1Mb / 18P
Tone Decoder
LMC567 TI1-LMC567_15 Datasheet
404Kb / 14P
Low-Power Tone Decoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com