Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM73606 Datasheet (PDF) - Texas Instruments

LM73606 Datasheet PDF - Texas Instruments
Part # LM73606
Download  LM73606 Download
File Size   2406.89 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM73605/LM73606 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter

LM73606 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM73606 Datasheet PDF - Texas Instruments

Part # LM73606
Download  LM73606 Click to download

File Size   2406.89 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM73605/LM73606 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter

LM73606 Datasheet (HTML) - Texas Instruments


LM73606 Product details

1 Features
1• New product available: LM61460 60-V, 6-A
synchronous converter
• Synchronous rectification
• Wettable flanks QFN package (WQFN)
• Low quiescent current
– 0.8 μA in shutdown (typical)
– 15 μA in active mode with no load (typical)
• Wide voltage conversion range:
– tON-MIN = 60 ns (typical)
– tOFF-MIN = 70 ns (typical)
• Low MOSFET ON-resistance:
– RDS_ON_HS = 53 mΩ (typical)
– RDS_ON_LS = 31 mΩ (typical)
• External bias input to improve efficiency
• Pin-selectable auto mode or forced PWM
operation
• Adjustable frequency range: 350 kHz to 2.2 MHz
• Synchronizable to external clock
• Internal compensation
• Power-good flag
• Precision enable to program system UVLO
• Flexible soft-start features:
– Start-up into pre-biased load
– Fixed or adjustable soft-start time
– Output voltage tracking
• Cycle-by-cycle current limiting
• Short-circuit protection with hiccup mode
• Create a custom design with the WEBENCH®
power designer using LM73605 or LM73606

2 Applications
• Industrial distributed power applications
• Test and measurement
• General-purpose wide VIN applications

3 Description
The LM73605 and LM73606 family of devices are
easy-to-use synchronous step-down DC/DC
converters capable of driving up to 5 A or 6 A of load
current from a supply voltage ranging from 3.5 V to
36 V. The LM73605 and LM73606 provide
exceptional efficiency and output accuracy in a very
small solution size. Peak current-mode control is
employed. Additional features such as adjustable
switching frequency, synchronization to an external
clock, power-good flag, precision enable, adjustable
soft start, and tracking provide both flexible and easyto-
use solutions for a wide range of applications.
Automatic frequency foldback at light load improves
efficiency over the entire load range. Protection
features include thermal shutdown, cycle-by-cycle
current limiting, and short-circuit protection. The
devices are pin-to-pin compatible for easy current
scaling. The new product, LM61460-Q1, offers higher
efficiency, lower stand-by quiescent current, and
improved EMI performance. See the device
comparison table to compare specifications. Start a
Webench design with LM61460-Q1. Use the
LMZM33606 module for faster time to market.




Similar Part No. - LM73606

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM73606 TI1-LM73606 Datasheet
1Mb / 53P
LM73605/LM73606 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73606 TI-LM73606 Datasheet
5Mb / 65P
LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73606-Q1 TI1-LM73606-Q1 Datasheet
3Mb / 57P
3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73606-Q1 TI-LM73606-Q1 Datasheet
5Mb / 65P
LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73606QRNPRQ1 TI1-LM73606QRNPRQ1 Datasheet
3Mb / 57P
3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results


Similar Description - LM73606

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM73605 TI1-LM73605_17 Datasheet
1Mb / 53P
LM73605/LM73606 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM73605-Q1 TI-LM73605-Q1_V01 Datasheet
5Mb / 65P
LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com