Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM76005 Datasheet (PDF) - Texas Instruments

LM76005 Datasheet PDF - Texas Instruments
Part # LM76005
Download  LM76005 Download
File Size   3510.73 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter

LM76005 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM76005 Datasheet PDF - Texas Instruments

Part # LM76005
Download  LM76005 Click to download

File Size   3510.73 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter

LM76005 Datasheet (HTML) - Texas Instruments


LM76005 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Designed for rugged industrial applications
– Input transient protection up to 65 V
– Optimized for low EMI requirements
– Pin-selectable FPWM operation
– Adjustable frequency range: 200 kHz to 500
kHz
– Start up with pre-biased output voltage
– Protection features: thermal shutdown, input
undervoltage lockout, cycle-by-cycle current
limit, hiccup short-circuit protection
• Suited for scalable power supplies
– Pin compatible with:
• LM76002/3 (60 V, 2.5 A or 3.5 A)
– Output voltage: 1 V to 95% of VIN
– Synchronization to external clock
– Adjustable soft-start (6.3 ms default)
• Low power dissipation across load spectrum
– 15-μA quiescent current in regulation
– 95% efficiency at 400 kHz (12VIN, 5VOUT, 2A)
– 92% PFM efficiency at 10-mA (12VIN, 5VOUT)
– External bias option for improved efficiency
• Create a custom design using the LM76005 with
the WEBENCH® Power Designer

2 Applications
• Industrial PC and Programmable logic controllers
• Asset tracking and fleet management systems
• Personal transport vehicle: electric bike
• Video surveillance: IP network camera
• Motor drives

3 Description
The LM76005 regulator is an easy-to-use
synchronous step-down DC-DC converter capable of
driving up to 5 A (LM76005) of load current from an
input up to 60 V. Tolerance goes up to 65 V, easing
input surge protection.
The LM76005 use peak-current-mode control to
provide exceptional efficiency and output accuracy in
a small solution size. Seamless transition between
PWM and PFM modes, along with very low MOSFET
ON resistances and an external bias input, ensures
exceptional efficiency across the entire load range.
This device requires few external components and
has a pinout designed for simple PCB layout with
best-in-class EMI (CISPR22) and thermal
performance. The small solution size and feature set
of the LM76005 are designed to simplify the
implementation for a wide range of end equipment.
The LM76005 device is available in the WQFN 30-pin
leadless package with wettable flanks.




Similar Part No. - LM76005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 42P
LM76005-Q1 3.5-V to 60-V, 5-A AutomotiveSynchronous Step-Down Converter
LM76005-Q1 TI1-LM76005-Q1 Datasheet
1Mb / 39P
LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM76005-Q1 TI1-LM76005-Q1 Datasheet
1Mb / 41P
LM76005-Q1 3.5-V to 60-V, 5-A AutomotiveSynchronous Step-Down Converter
LM76005-Q1 TI1-LM76005-Q1 Datasheet
1Mb / 42P
LM76005-Q1 3.5-V to 60-V, 5-A AutomotiveSynchronous Step-Down Converter
More results


Similar Description - LM76005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM76005-Q1 TI1-LM76005-Q1 Datasheet
1Mb / 41P
LM76005-Q1 3.5-V to 60-V, 5-A AutomotiveSynchronous Step-Down Converter
LM76005-Q1 TI1-LM76005-Q1_V01 Datasheet
1Mb / 42P
LM76005-Q1 3.5-V to 60-V, 5-A AutomotiveSynchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com