Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC555 Datasheet (PDF) - Texas Instruments

LMC555 Datasheet PDF - Texas Instruments
Part # LMC555
Download  LMC555 Download
File Size   1455.34 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC555 CMOS Timer

LMC555 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC555 Datasheet PDF - Texas Instruments

Part # LMC555
Download  LMC555 Click to download

File Size   1455.34 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC555 CMOS Timer

LMC555 Datasheet (HTML) - Texas Instruments


LMC555 Product details

1 Features
• Fast astable frequency of 3MHz
• Available in industry's smallest 8-bump DSBGA
package (1.43mm × 1.41mm)
• Less than 1mW typical power dissipation at 5V
supply
• 1.5V specified supply operating voltage
• output fully compatible with TTL and CMOS logic
at 5V supply
• Tested to −10mA, 50mA output current levels
• Reduced supply current spikes during output
transitions
• Extremely low reset, trigger, and threshold currents
• Excellent temperature stability
• Pin-for-pin compatible with 555 series of timers

2 Applications
• Precision timing
• Pulse generation
• Sequential timing
• Time delay generation
• Pulse width modulation
• Pulse position modulation
• Linear ramp generators

3 Description
The LMC555 device is a CMOS version of the
industry standard 555 series general-purpose timers.
In addition to the standard SOIC, VSSSOP, and PDIP
packages, the LMC555 is also available in a chipsized,
8-bump DSBGA package using TI's DSBGA
package technology. The LMC555 offers the same
capability of generating accurate time delays and
frequencies as the LM555, but with much lower power
dissipation and supply current spikes. When operated
as a one-shot, the time delay is precisely controlled
by a single external resistor and capacitor. In astable
mode, the oscillation frequency and duty cycle are
accurately set by two external resistors and one
capacitor. TI's LMCMOS process extends both the
frequency range and the low supply capability.




Similar Part No. - LMC555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
CMOS Timer
LMC555 NSC-LMC555 Datasheet
772Kb / 12P
CMOS Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
LMC555 CMOS Timer
LMC555 TI1-LMC555 Datasheet
1Mb / 28P
CMOS Timer
logo
Silicon Supplies
LMC555 SS-LMC555 Datasheet
302Kb / 8P
CMOS Low Power Timer
Rev 1.1 21/01/18
More results


Similar Description - LMC555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
CMOS Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
CMOS Watchdog Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
CMOS Timer
logo
National Semiconductor ...
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
CMOS Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
CMOS Watchdog Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
LMC555 CMOS Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
CMOS Programmable Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
CMOS Programmable Timer
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
CMOS Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
CMOS SINGLE TIMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com