Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6484 Datasheet (PDF) - Texas Instruments

LMC6484 Datasheet PDF - Texas Instruments
Part # LMC6484
Download  LMC6484 Download
File Size   2613.83 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers

LMC6484 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC6484 Datasheet PDF - Texas Instruments

Part # LMC6484
Download  LMC6484 Click to download

File Size   2613.83 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers

LMC6484 Datasheet (HTML) - Texas Instruments


LMC6484 Product details

1 Features
• Rail-to-rail input common-mode voltage range
(specified over temperature)
• Rail-to-rail output swing (within 20mV of supply
rail, 100kΩ load)
• Specified 3V, 5V, and 15V performance
• Excellent CMRR and PSRR: 82dB
• Ultra-low input current: 20fA
• Specified for 2kΩ and 600Ω loads
• Improved replacement for TLC272, TLC277

2 Applications
• Data acquisition (DAQ)
• Currency counter
• Oscilloscope (DSO)
• Intra-DC interconnect (METRO)
• Macro remote radio unit (RRU)
• Multiparameter patient monitor
• Merchant telecom rectifiers
• Train control and management
• Process analytics (pH, gas, concentration, force,
and humidity)
• Three phase UPS

3 Description
The LMC6482 and LMC6484 (LMC648x) devices
provide a common-mode range that extends to both
supply rails. This rail-to-rail performance combined
with excellent accuracy, due to a high CMRR,
makes these devices unique among rail-to-rail input
amplifiers. The devices are an excellent choice for
systems that require a large input signal range,
such as data acquisition. The LMC648x are also an
excellent upgrade for circuits using limited commonmode
range amplifiers, such as the TLC272, TLC274,
TLC277 and TLC279.
Maximum dynamic signal range is provided in low
voltage and single supply systems by the rail-to-rail
output swing of the LMC648x. The rail-to-rail output
swing is maintained for loads down to 600Ω of the
device. Specified low-voltage characteristics and lowpower
dissipation make the LMC648x a great choice
for battery-operated systems.
The LMC648x devices are available in PDIP, SOIC,
and VSSOP packages.




Similar Part No. - LMC6484

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6484 TI-LMC6484 Datasheet
969Kb / 24P
LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484 TI-LMC6484 Datasheet
969Kb / 24P
LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484AIM NSC-LMC6484AIM Datasheet
973Kb / 22P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Similar Description - LMC6484

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP196 AD-OP196 Datasheet
337Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV.B
OP250 AD-OP250 Datasheet
209Kb / 16P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV.0
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Analog Devices
OP184 AD-OP184_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP284 AD-OP284_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP484 AD-OP484_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com