Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH1297 Datasheet (PDF) - Texas Instruments

LMH1297 Datasheet PDF - Texas Instruments
Part # LMH1297
Download  LMH1297 Download
File Size   1834.46 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH1297 12G UHD-SDI Bidirectional I/O With Integrated Reclocker

LMH1297 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH1297 Datasheet PDF - Texas Instruments

Part # LMH1297
Download  LMH1297 Click to download

File Size   1834.46 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH1297 12G UHD-SDI Bidirectional I/O With Integrated Reclocker

LMH1297 Datasheet (HTML) - Texas Instruments


LMH1297 Product details

1 Features
• User-configurable adaptive cable equalizer or
cable driver with integrated reclocker
• Supports ST-2082-1 (12G), ST-2081-1 (6G),
ST-424 (3G), ST-292 (HD), and ST-259 (SD)
• Compatible with DVB-ASI and AES10 (MADI)
• Integrated reclocker locks to SMPTE rates of 11.88
Gbps, 5.94 Gbps, 2.97 Gbps, 1.485 Gbps, or
divide-by-1.001 sub-rates and 270 Mbps
• On-chip 75-Ω termination and return loss
compensation network
• EQ (equalizer) mode:
– Adaptive cable equalizer with integrated
reclocker
– 100-Ω output driver with de-emphasis
– Reclocked 75-Ω loop-through output
– EQ mode cable reach
(Belden 1694A, SDI_OUT disabled):
• 75 m at 11.88 Gbps
• 120 m at 5.94 Gbps
• 200 m at 2.97 Gbps
• 300 m at 1.485 Gbps
• 600 m at 270 Mbps
• Cable driver (CD) mode:
– Dual differential output cable drivers with
integrated reclocker
– Adaptive PCB input equalizer
– Reclocked 100-Ω loopback output
• Automatic pre-emphasis and slew rate control on
75-Ω outputs
• Polarity inversion on 75-Ω and 100-Ω outputs
• Automatic power save in absence of input signal
– Power dissipation: 25 mW (typical)
• Power-down control through ENABLE pin
• Single 2.5-V supply
– EQ mode power dissipation: 275 mW (typical)
– CD mode power dissipation: 305 mW (typical)
• Programmable through pins, SPI, or SMBus
interface
• –40°C to +85°C operating temperature range
• 5-mm × 5-mm, 32-Pin QFN package

2 Applications
• SMPTE compatible serial digital interface
• UHDTV/4K/8K/HDTV/SDTV video
• IP media gateway
• Digital video processing and editing

3 Description
The LMH1297 is a 12G UHD-SDI 75-Ω bidirectional
I/O with integrated reclocker. This device can be
configured either in input mode as an adaptive
cable equalizer or in output mode as a dual cable
driver, allowing system designers the flexibility to
use a single BNC either as an input or output
port, simplifying UHD video hardware designs. The
integrated reclocker locks to all supported SMPTE
data rates up to 11.88 Gbps in both modes. The
bidirectional I/O has an on-chip 75-Ω termination and
return loss compensation network that meets the
stringent SMPTE return loss requirements.
An additional 75-Ω driver output allows the LMH1297
to support a variety of system functions. In EQ
(Equalizer) mode, this second 75-Ω driver can be
used as a loop-through output. In Cable Driver (CD)
mode, this 75-Ω driver can be used as a second
fan-out cable driver. The host-side 100-Ω driver can
also be used as a loop-back output in CD mode for
monitoring purposes.




Similar Part No. - LMH1297

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH1297 TI1-LMH1297 Datasheet
188Kb / 9P
12G UHD-SDI Bidirectional I/O With Integrated Reclocker
LMH1297 TI2-LMH1297 Datasheet
1Mb / 50P
LMH1297 12G UHD-SDI Bidirectional I/O With Integrated Reclocker
REVISED JULY 2022
LMH1297RTVR TI1-LMH1297RTVR Datasheet
188Kb / 9P
12G UHD-SDI Bidirectional I/O With Integrated Reclocker
LMH1297RTVR TI2-LMH1297RTVR Datasheet
1Mb / 50P
LMH1297 12G UHD-SDI Bidirectional I/O With Integrated Reclocker
REVISED JULY 2022
LMH1297RTVR.A TI2-LMH1297RTVR.A Datasheet
1Mb / 50P
LMH1297 12G UHD-SDI Bidirectional I/O With Integrated Reclocker
REVISED JULY 2022
More results


Similar Description - LMH1297

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH1219 TI1-LMH1219 Datasheet
722Kb / 9P
Low Power 12G UHD Adaptive Cable Equalizer with Integrated Reclocker
LMH1297 TI1-LMH1297 Datasheet
188Kb / 9P
12G UHD-SDI Bidirectional I/O With Integrated Reclocker
LMH0397 TI1-LMH0397 Datasheet
736Kb / 12P
3G-SDI Bidirectional I/O With Integrated Reclocker
LMH1208 TI1-LMH1208 Datasheet
730Kb / 10P
12G UHD-SDI Dual Output Cable Driver
LMH1228 TI1-LMH1228 Datasheet
730Kb / 10P
12G UHD-SDI Dual Output Cable Driver With Integrated Reclocker
logo
Semtech Corporation
GS12181 SEMTECH-GS12181 Datasheet
2Mb / 68P
12G UHD-SDI Retiming Cable Driver
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
12G UHD-SDI Cable Driver
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
12G UHD-SDI Re-timing Cable Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com