Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH2832 Datasheet (PDF) - Texas Instruments

LMH2832 Datasheet PDF - Texas Instruments
Part # LMH2832
Download  LMH2832 Download
File Size   1981.07 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier

LMH2832 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH2832 Datasheet PDF - Texas Instruments

Part # LMH2832
Download  LMH2832 Click to download

File Size   1981.07 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier

LMH2832 Datasheet (HTML) - Texas Instruments


LMH2832 Product details

1 Features
1• Dual-Channel, Individual SPI™-Controlled DVGA
• Single 5-V Supply
• –3-dB Bandwidth: 1.1 GHz (Max Gain)
• Flat Bandwidth Response: 300 MHz
• Channel-to-Channel Gain Matching: ±0.05 dB
• Channel-to-Channel Phase Matching: ±0.1°
• Gain:
– 30 dB to –9 dB
– 1-dB Steps ±0.2 dB
• Output Third-Order Intercept Point (OIP3):
– 43 dBm at 300 MHz
– 51 dBm at 200 MHz
• Noise Figure (NF):
– 6.5 dB (Max Gain) at 300 MHz, ZIN = 150 Ω
• Adjustable Power Consumption:
– 90 mA to 108 mA per Channel
• Power-Saving, Power-Down Feature:
– IQ < 4.5 mA per Channel
– Power-Down Pin and SPI Programmability
• Input Return Loss at 300 MHz:
– 17 dB (RS = 150 Ω)

2 Applications
• DOCSIS 3.1 CMTS Upstream Direct Sampling
Receivers
• CATV Modem Signal Scaling
• Programmable Gain IF Amplifiers
• Generic RF, IF Gain Stages
• ADC Drivers

3 Description
The LMH2832 is a high-linearity, dual-channel, digital
variable-gain amplifier (DVGA) for high-speed signal
chain and data-acquisition systems. The LMH2832 is
optimized to provide high bandwidth, low distortion,
and low noise, thus making the device ideally suited
as a dual, 14-bit, analog-to-digital converter (ADC)
driver. The device consists of one fixed-gain block
and one variable attenuator consisting of a total gain
of 30 dB with a maximum attenuation of 39 dB. The
gain range is from 30 dB to –9 dB in 1-dB gain steps
with a gain accuracy of ±0.2 dB. The input impedance
can be easily matched to 50-Ω or 75-Ω systems using
a 1:3-Ω or 1:2-Ω ratio balun, respectively. The
LMH2832 is designed to drive general-purpose ADCs
and also meets the requirements for both data over
cable service interface specification (DOCSIS) 3.0 32
quadrature amplitude modulation (QAM) carriers and
DOCSIS 3.1 wideband orthogonal frequency-division
multiplexing (OFDM) systems. With excellent NF
(6.5 dB) and linearity, the LMH2832 is designed to
perform to within DOCSIS specifications. The
quiescent current in the power-down state is less
than 5 mA per channel with the typical current
consumption during operation at 105 mA per channel.




Similar Part No. - LMH2832

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH2832 TI1-LMH2832 Datasheet
1Mb / 46P
LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
LMH2832IRHAR TI1-LMH2832IRHAR Datasheet
1Mb / 46P
LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
LMH2832IRHAT TI1-LMH2832IRHAT Datasheet
1Mb / 46P
LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
More results


Similar Description - LMH2832

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
Wideband differential digital controlled variable gain amplifier
1999 Oct 08
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
DIFFERENTIAL VARIABLE GAIN AMPLIFIER
May-2000
logo
Texas Instruments
THS7530 TI-THS7530 Datasheet
200Kb / 16P
HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
0.05?? GHz Digital Variable Gain Amplifier
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
0.05 ??4 GHz Digital Variable Gain Amplifier
logo
Texas Instruments
LMH6401 TI-LMH6401 Datasheet
2Mb / 48P
LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
LMH2832 TI1-LMH2832 Datasheet
1Mb / 46P
LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
LMH6401 TI1-LMH6401_16 Datasheet
2Mb / 48P
LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com