Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502 Datasheet (PDF) - Texas Instruments

LMH6502 Datasheet PDF - Texas Instruments
Part # LMH6502
Download  LMH6502 Download
File Size   1400.09 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier

LMH6502 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6502 Datasheet PDF - Texas Instruments

Part # LMH6502
Download  LMH6502 Click to download

File Size   1400.09 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier

LMH6502 Datasheet (HTML) - Texas Instruments


LMH6502 Product details

1FEATURES
23• VS = ±5V, TA = 25°C, RF = 1kΩ, RG = 174Ω, RL =
100Ω, A V = AV(MAX) = 10 Typical Values Unless
Specified.
• -3dB BW: 130MHz
• Gain Control BW: 100MHz
• Adjustment Range (Typical Over Temp): 70dB
• Gain Matching (Limit): ±0.6dB
• Slew Rate: 1800V/μs
• Supply Current (No Load): 27mA
• Linear Output Current: ±75mA
• Output Voltage (R L = 100Ω): ±3.2V
• Input Voltage Noise: 7.7nV/√Hz
• Input Current Noise: 2.4pA/√Hz
• THD (20MHz, R L = 100Ω, VO = 2VPP): −53dBc
• Replacement for CLC520

APPLICATIONS
• Variable Attenuator
• AGC
• Voltage Controller Filter
• Video Imaging Processing

DESCRIPTION
The LMH™6502 is a wideband DC coupled
differential input voltage controlled gain stage
followed by a high-speed current feedback Op Amp
which can directly drive a low impedance load. Gain
adjustment range is more than 70dB for up to 10MHz.
Maximum gain is set by external components and the
gain can be reduced all the way to cut-off. Power
consumption is 300mW with a speed of 130MHz.
Output referred DC offset voltage is less than 350mV
over the entire gain control voltage range. Device-to-
device Gain matching is within ±0.6dB at maximum
gain. Furthermore, gain at any VG is tested and the
tolerance is ensured. The output current feedback Op
Amp allows high frequency large signals (Slew Rate
= 1800V/μs) and can also drive heavy load current
(75mA). Differential inputs allow common mode
rejection in low level amplification or in applications
where signals are carried over relatively long wires.
For single ended operation, the unused input can
easily be tied to ground (or to a virtual half-supply in
single supply application). Inverting or non-inverting
gains could be obtained by choosing one input
polarity or the other.
To provide ease of use when working with a single
supply, VG range is set to be from 0V to +2V relative
to pin 11 potential (ground pin). In single supply
operation, this ground pin is tied to a "virtual" half
supply.
LMH6502 gain control is linear in dB for a large
portion of the total gain control range. This makes the
device suitable for AGC circuits among other
applications. For linear gain control applications, see
the LMH6503 datasheet. The LMH6502 is available in
the SOIC and TSSOP package.




Similar Part No. - LMH6502

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6502MA NSC-LMH6502MA Datasheet
941Kb / 19P
Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Texas Instruments
LMH6502MA TI-LMH6502MA Datasheet
1Mb / 29P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6502MA/NOPB TI-LMH6502MA/NOPB Datasheet
1Mb / 29P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
National Semiconductor ...
LMH6502MAX NSC-LMH6502MAX Datasheet
941Kb / 19P
Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results


Similar Description - LMH6502

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
Wideband, Low Power, Linear Variable Gain Amplifier
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
December 14, 2007
logo
Texas Instruments
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com