Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2147 Datasheet (PDF) - Multicomp Pro

2147 Datasheet PDF - Multicomp Pro
Part # 2147
Download  2147 Download
File Size   233.24 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Power Inlet with Fuse Holder

2147 Datasheet (PDF)

Go To PDF Page Download Datasheet
2147 Datasheet PDF - Multicomp Pro

Part # 2147
Download  2147 Click to download

File Size   233.24 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Power Inlet with Fuse Holder

2147 Datasheet (HTML) - Multicomp Pro


2147 Product details

Description
Power Inlet with Fuse Holder, 10A, 250V AC, 1-Pole Fuse Holder




Similar Part No. - 2147

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
214750 MOLEX-214750 Datasheet
40Kb / 1P
Micro-Fit Connector System
07/27/2020
214750-1022 MOLEX-214750-1022 Datasheet
40Kb / 1P
Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm Length, Tin (Sn) Plating, 2 Circuits, Black
214750-1022 MOLEX-214750-1022 Datasheet
41Kb / 1P
Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm Length, Tin (Sn) Plating, 2 Circuits, Black
214750-1052 MOLEX-214750-1052 Datasheet
40Kb / 1P
Micro-Fit Connector System
07/27/2020
2147501021 MOLEX-2147501021 Datasheet
40Kb / 1P
Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm Length, Tin (Sn) Plating, 2 Circuits, Black
More results


Similar Description - 2147

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
logo
List of Unclassifed Man...
441-R3-13-GRX ETC1-441-R3-13-GRX Datasheet
97Kb / 2P
Fuse Holder
441-R314C-GRX ETC2-441-R314C-GRX Datasheet
103Kb / 2P
Fuse Holder
441-R324-GR ETC2-441-R324-GR Datasheet
73Kb / 2P
Fuse Holder
441-R344B-GR ETC2-441-R344B-GR Datasheet
82Kb / 2P
Fuse Holder
441-R349A-GR ETC2-441-R349A-GR Datasheet
83Kb / 2P
Fuse Holder
logo
Keystone Electronics Co...
3569 KEYSTONE-3569 Datasheet
179Kb / 1P
FUSE HOLDER
9.22.08
logo
WAGO Kontakttechnik Gmb...
811-1316 WAGO-811-1316 Datasheet
291Kb / 6P
2-conductor fuse holder ; with pivoting fuse holder; with test option
29.12.2021
logo
Eaton All Rights Reserv...
BSCR EATON-BSCR Datasheet
262Kb / 1P
Fuse holder
January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com