Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX19 Datasheet (PDF) - Multicomp Pro

BCX19 Datasheet PDF - Multicomp Pro
Part # BCX19
Download  BCX19 Download
File Size   301.66 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Silicon Epitaxial Planar Transistor

BCX19 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCX19 Datasheet PDF - Multicomp Pro

Part # BCX19
Download  BCX19 Click to download

File Size   301.66 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Silicon Epitaxial Planar Transistor

BCX19 Datasheet (HTML) - Multicomp Pro


BCX19 Product details

Features:
• High current (500mA)
• Low voltage (45V)

Applications:
• General purpose amplifiers
• Saturated switching and driver applications
• Complement: BCX17

Description
Transistor, NPN, 0.5A, 45V, SOT23




Similar Part No. - BCX19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX19 PHILIPS-BCX19 Datasheet
42Kb / 8P
NPN general purpose transistor
1999 Apr 12
logo
Zetex Semiconductors
BCX19 ZETEX-BCX19 Datasheet
36Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
BCX19 FAIRCHILD-BCX19 Datasheet
44Kb / 3P
NPN Medium Power Transistor
logo
KEC(Korea Electronics)
BCX19 KEC-BCX19 Datasheet
122Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Diotec Semiconductor
BCX19 DIOTEC-BCX19 Datasheet
176Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results


Similar Description - BCX19

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT4403 CDIL-CMBT4403 Datasheet
132Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
Silicon Epitaxial Planar Transistor
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
Silicon Epitaxial Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com