Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTC-TC Datasheet (PDF) - Abracon Corporation

AB-RTC-TC Datasheet PDF - Abracon Corporation
Part # AB-RTC-TC
Download  AB-RTC-TC Download
File Size   814.29 Kbytes
Page   9 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Real Time Clock Module with I2C Bus

AB-RTC-TC Datasheet (PDF)

Go To PDF Page Download Datasheet
AB-RTC-TC Datasheet PDF - Abracon Corporation

Part # AB-RTC-TC
Download  AB-RTC-TC Click to download

File Size   814.29 Kbytes
Page   9 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Real Time Clock Module with I2C Bus

AB-RTC-TC Datasheet (HTML) - Abracon Corporation


AB-RTC-TC Product details

Features
 Built-in frequency adjusted 32.768kHz crystal unit
 Built-in Temperature Sensor
 Low current consumption: 1.0uA (Typ.)
 Communication interface: I2C bus
 Leap years autocorrection
 Timer output function with adjustable period
 High stability: ±3.4ppm @ -40℃ to 85℃
 REACH/RoHS II Compliant | MSL Level 3




Similar Part No. - AB-RTC-TC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB-RTC-TA ABRACON-AB-RTC-TA Datasheet
656Kb / 9P
Real Time Clock Module with I2C Bus
12/5/2024
AB-RTC-TA-32.768KHZ-2 ABRACON-AB-RTC-TA-32.768KHZ-2 Datasheet
656Kb / 9P
Real Time Clock Module with I2C Bus
12/5/2024
AB-RTC-TH ABRACON-AB-RTC-TH Datasheet
683Kb / 9P
Real Time Clock Module with I2C Bus
12/10/2024
AB-RTC-TH-32.768KHZ-2 ABRACON-AB-RTC-TH-32.768KHZ-2 Datasheet
683Kb / 9P
Real Time Clock Module with I2C Bus
12/10/2024
AB-RTC-TH-32.768KHZ-2 ABRACON-AB-RTC-TH-32.768KHZ-2 Datasheet
683Kb / 9P
Real Time Clock Module with I2C Bus
12/10/2024
More results


Similar Description - AB-RTC-TC

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C3 MICROCRYSTAL-RV-3029-C3 Datasheet
502Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3 Datasheet
217Kb / 2P
Real Time Clock Module with I2C Bus
RV-2251-C3 MICROCRYSTAL-RV-2251-C3 Datasheet
364Kb / 2P
Real Time Clock Module with I2C Bus
logo
Abracon Corporation
AB-RTCMC-32.7KHZ-B5ZE-S3 ABRACON-AB-RTCMC-32.7KHZ-B5ZE-S3 Datasheet
2Mb / 7P
Real Time Clock Module with I2C Bus
02.05.13
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C2 MICROCRYSTAL-RV-3029-C2_16 Datasheet
443Kb / 2P
Real Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_16 Datasheet
371Kb / 2P
Real Time Clock Module with I2C Bus
RV-8564-C3 MICROCRYSTAL-RV-8564-C3_17 Datasheet
978Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_18 Datasheet
996Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3_18 Datasheet
980Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-8803-C7 MICROCRYSTAL-RV-8803-C7_18 Datasheet
992Kb / 2P
Real-Time Clock Module with I2C-Bus
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com