Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-K2 Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-K2 Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-K2
Download  FTR-K2 Download
File Size   1032.29 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE – 16A Relay

FTR-K2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-K2 Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-K2
Download  FTR-K2 Click to download

File Size   1032.29 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE – 16A Relay

FTR-K2 Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-K2 Product details

FEATURES
SPST-NO
High insulation
Insulation distance: minimum 6mm between coil and contact
Dielectric strength: 4KV
Surge strength: 10KV
TV-5 rating
Heat resistance, flammability class B (130℃) wire class,
flammability 94V-0
Cadmium free contact for eco-program
Safety standards
UL, CSA, VDE approved
UL/CSA TV-5 rating approved
Flux proof sealing, RTII
RoHS compliant




Similar Part No. - FTR-K2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK005T FUJITSU-FTR-K2AK005T Datasheet
556Kb / 8P
POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK006T FUJITSU-FTR-K2AK006T Datasheet
556Kb / 8P
POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK009T FUJITSU-FTR-K2AK009T Datasheet
556Kb / 8P
POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK012T FUJITSU-FTR-K2AK012T Datasheet
556Kb / 8P
POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
More results


Similar Description - FTR-K2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX115-F ETC1-JQX115-F Datasheet
88Kb / 2P
16A 1 POLE PC BOARD TYPE
logo
fujitsu semiconductor
FTR-K1 FUJITSU-FTR-K1 Datasheet
533Kb / 8P
1 POLE - 16A LOW PROFILE TYPE
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
POWER RELAY 1 POLE - 16A 105C
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
POWER RELAY 1 POLE - 16A / Inrush 120A relay
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
POWER RELAY 1 POLE - 16A / Inrush 80A type
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
1-pole/2-pole 16A polarized power relays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com