Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-K3 Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-K3 Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-K3
Download  FTR-K3 Download
File Size   1132.34 Kbytes
Page   8 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE – 20A Heavy Load

FTR-K3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-K3 Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-K3
Download  FTR-K3 Click to download

File Size   1132.34 Kbytes
Page   8 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE – 20A Heavy Load

FTR-K3 Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-K3 Product details

FEATURES
SPST 20A and #250 tab terminal type is also available
Low coil power (780mW)
Glow wire compliant type available which satisfies GWT required
for relay in IEC/EN 60335-1
Cadmium free contacts
SAFETY STANDARDS
UL, CSA, VDE,CQC approved
Flux proof
RoHS compliant




Similar Part No. - FTR-K3

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-K3 FUJITSU-FTR-K3 Datasheet
71Kb / 4P
POWER RELAY 20A type Relay
FTR-K3 FUJITSU-FTR-K3 Datasheet
686Kb / 8P
POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3 Datasheet
572Kb / 7P
POWER RELAY 1 POLE - 20A Heavy Load
logo
FCL COMPONENTS LIMITED
FTR-K3-PS FCL-FTR-K3-PS Datasheet
1Mb / 7P
1 POLE – 32A High Capacity Type
Rev. February 1, 2024.
logo
fujitsu semiconductor
FTR-K3-PV FUJITSU-FTR-K3-PV Datasheet
419Kb / 7P
POWER RELAY 1 POLE - High Capacity 32A Type
More results


Similar Description - FTR-K3

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
POWER RELAY 1 POLE - 25A Heavy Load Control
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
POWER RELAY 1 POLE - 20A Heavy Load
VFB-48HU FUJITSU-VFB-48HU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
logo
HuaXinAn Electronics CO...
JQX-14FC2A HUAXINAN-JQX-14FC2A Datasheet
745Kb / 2P
Heavy load, suitable for heavy power reverse.
JQX-14FC2C HUAXINAN-JQX-14FC2C Datasheet
745Kb / 2P
Heavy load, suitable for heavy power reverse
JQX-14FCA HUAXINAN-JQX-14FCA Datasheet
745Kb / 2P
Heavy load, suitable for heavy power reverse
JQX-14FCC HUAXINAN-JQX-14FCC Datasheet
745Kb / 2P
Heavy load, suitable for heavy power reverse
logo
fujitsu semiconductor
VE-12HSE-K FUJITSU-VE-12HSE-K Datasheet
318Kb / 7P
1 POLE - 5A Medium Load Control
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
POWER RELAY 1 POLE - 10A Medium Load Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com