Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24C04BPHAL Datasheet (PDF) - Seiko Instruments Inc

S-24C04BPHAL Datasheet PDF - Seiko Instruments Inc
Part # S-24C04BPHAL
Download  S-24C04BPHAL Download
File Size   353.43 Kbytes
Page   38 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description 2-WIRE CMOS SERIAL E2PROM

S-24C04BPHAL Datasheet (PDF)

Go To PDF Page Download Datasheet
S-24C04BPHAL Datasheet PDF - Seiko Instruments Inc

Part # S-24C04BPHAL
Download  S-24C04BPHAL Click to download

File Size   353.43 Kbytes
Page   38 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description 2-WIRE CMOS SERIAL E2PROM

S-24C04BPHAL Datasheet (HTML) - Seiko Instruments Inc


S-24C04BPHAL Product details

2-WIRE CMOS SERIAL E2PROM

The S-24C04BPHAL is a 2-wire, low-power, wide-range-operation 4k bit serial E2PROM organized as 512 words × 8 bits. Page write and sequential read are possible.

Features
• Low power consumption Standby: 1.0 µA max. (VCC = 5.5 V)
                                          Operating: 0.8 mA max. (VCC = 5.5 V)
                                                            0.3 mA max. (VCC = 3.3 V)
• Wide operating voltage range:          Reading: 1.6 to 5.5 V
                                                            Writing: 1.7 to 5.5 V
• Page write:                                       16 bytes/page
• Sequential read
• Operating frequency:                       400 kHz (VCC = 5 V ±10%)
• Endurance:                                      106 cycles/word*1
                                                          *1. For each address (Word: 8 bits)
• Data retention:                                 10 years
• Write protection                                100%
• Lead-free products




Similar Part No. - S-24C04BPHAL

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C04A SII-S-24C04A Datasheet
278Kb / 23P
CMOS 2-WIRE SERIAL EEPROM
S-24C04ADP SII-S-24C04ADP Datasheet
1Mb / 20P
CMOS 2-WIRED SERIAL EEPROM
S-24C04ADP-11 SII-S-24C04ADP-11 Datasheet
278Kb / 23P
CMOS 2-WIRE SERIAL EEPROM
S-24C04ADP-11-1A SII-S-24C04ADP-11-1A Datasheet
278Kb / 23P
CMOS 2-WIRE SERIAL EEPROM
S-24C04ADP-11-S SII-S-24C04ADP-11-S Datasheet
278Kb / 23P
CMOS 2-WIRE SERIAL EEPROM
More results


Similar Description - S-24C04BPHAL

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
2-WIRE CMOS SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
2-WIRE CMOS SERIAL E2PROM
S-24CS16A SII-S-24CS16A Datasheet
628Kb / 53P
2-WIRE CMOS SERIAL E2PROM
S-24CS64A SII-S-24CS64A Datasheet
488Kb / 44P
2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
2-WIRE CMOS SERIAL E2PROM
S-24C02D SII-S-24C02D Datasheet
1Mb / 47P
2-WIRE SERIAL E2PROM
S24C256C SII-S24C256C Datasheet
1Mb / 35P
2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C32C ABLIC-S-24C32C Datasheet
649Kb / 44P
2-WIRE SERIAL E2PROM
Rev.4.0_03_H
S-24C256C ABLIC-S-24C256C Datasheet
496Kb / 35P
2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
2-WIRE SERIAL E2PROM
Rev.2.0_03_S
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com