Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005 Datasheet (PDF) - STMicroelectronics

TDA2005 Datasheet PDF - STMicroelectronics
Part # TDA2005_V01
Download  TDA2005 Download
File Size   638.08 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 W bridge/stereo amplifier for car radio

TDA2005 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA2005 Datasheet PDF - STMicroelectronics

Part # TDA2005_V01
Download  TDA2005 Click to download

File Size   638.08 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 W bridge/stereo amplifier for car radio

TDA2005 Datasheet (HTML) - STMicroelectronics


TDA2005 Product details

Features
■ High output power:
– Po = 10 + 10 W @ RL = 2 , THD = 10 %
– Po = 20 W @ RL = 4 , THD = 10 %.
■ Protection against:
– Output DC and AC short circuit to ground
– Overrating chip temperature
– Load dump voltage surge
– Fortuitous open ground
– Very inductive loads
■ Loudspeaker protection during short circuit for
one wire to ground




Similar Part No. - TDA2005_V01

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2005G-H14-B-T UTC-TDA2005G-H14-B-T Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005G-J11-A-T UTC-TDA2005G-J11-A-T Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005L-H14-B-T UTC-TDA2005L-H14-B-T Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005L-J11-A-T UTC-TDA2005L-J11-A-T Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA2005M STMICROELECTRONICS-TDA2005M Datasheet
259Kb / 20P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Oct-1998
More results


Similar Description - TDA2005_V01

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
10 10W STEREO AMPLIFIER FOR CAR RADIO
Mar-1995
TDA7350A STMICROELECTRONICS-TDA7350A Datasheet
324Kb / 22P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Apr-1995
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
12W AF Power Amplifier for Car Radio, Car Stereo
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A_05 Datasheet
491Kb / 23P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Feb-2005
TDA7391PD STMICROELECTRONICS-TDA7391PD_08 Datasheet
171Kb / 11P
32 W bridge car radio amplifier
02-Jul-2008
logo
Unisonic Technologies
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA2004R STMICROELECTRONICS-TDA2004R Datasheet
293Kb / 17P
10 10 W stereo amplifier for car radio
18-Jun-2010
TDA7391PD STMICROELECTRONICS-TDA7391PD_11 Datasheet
243Kb / 12P
32 W bridge car radio amplifier
26-Jan-2011
TDA7391PDUTR STMICROELECTRONICS-TDA7391PDUTR Datasheet
243Kb / 12P
32 W bridge car radio amplifier
26-Jan-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com