Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2236CGJ-P Datasheet (PDF) - Monolithic Power Systems

MP2236CGJ-P Datasheet PDF - Monolithic Power Systems
Part # MP2236CGJ-P
Download  MP2236CGJ-P Download
File Size   629.71 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 18V, 6A, High-Efficiency, FCCM Synchronous Step-Down Converter

MP2236CGJ-P Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2236CGJ-P Datasheet PDF - Monolithic Power Systems

Part # MP2236CGJ-P
Download  MP2236CGJ-P Click to download

File Size   629.71 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 18V, 6A, High-Efficiency, FCCM Synchronous Step-Down Converter

MP2236CGJ-P Datasheet (HTML) - Monolithic Power Systems


MP2236CGJ-P Product details

DESCRIPTION
The MP2236C is a high-frequency, synchronous, rectified, step-down, switch-mode converter. The MP2236C offers a fully integrated solution that achieves up to 6A of continuous output current (IOUT), with excellent load and line regulation across a wide input supply range.
Constant-on-time (COT) control operation provides fast transient response. Full protection features include hiccup over-current protection (OCP) and thermal shutdown.
The MP2236C requires a minimal number of readily available, standard external components, and is available in a space-saving TSOT23-8 package.

FEATURES
• Forced Continuous Conduction Mode (FCCM)
• Wide 3V to 18V Operating Input Voltage (VIN) Range
• 6A Continuous Output Current (IOUT)
• 25mΩ and 12mΩ Low On Resistance (RDS(ON)) Internal Power MOSFETs
• Default 600mV Reference Voltage (VFB)
• Adjustable Output Voltage (VOUT)
• 600kHz Switching Frequency (fSW)
• On time (tON) Extension
• Hiccup Over-Current Protection (OCP)
• Thermal Shutdown Protection
• Available in a TSOT23-8 Package

APPLICATIONS
• Flat-Panel Televisions and Monitors
• Digital TV Power Supplies
• Digital Set-Top Boxes
• Distributed Power Systems




Similar Part No. - MP2236CGJ-P

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2233 MPS-MP2233 Datasheet
588Kb / 18P
High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP2233DJ MPS-MP2233DJ Datasheet
588Kb / 18P
High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP2233DJ MPS-MP2233DJ Datasheet
256Kb / 5P
High-Efficiency, 3A, 16V, 1.4MHz, Sync. Step-Down Switcher Evaluation Board
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234GJ MPS-MP2234GJ Datasheet
1Mb / 21P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
More results


Similar Description - MP2236CGJ-P

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8760D MPS-MP8760D Datasheet
993Kb / 25P
High Efficiency, 6A, 18V Synchronous Step-down Converter With Output Discharge
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
EV8760D-L-00A MPS-EV8760D-L-00A Datasheet
344Kb / 8P
High Efficiency, 6A, 18V Synchronous, Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RT2856H RICHTEK-RT2856H Datasheet
241Kb / 19P
6A, 18V, Synchronous Step-Down Converter
June 2019
RT7298A RICHTEK-RT7298A Datasheet
323Kb / 21P
6A, 18V, Synchronous Step-Down Converter
June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com