Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G99 Datasheet (PDF) - NXP Semiconductors

74LVC1G99 Datasheet PDF - NXP Semiconductors
Part # 74LVC1G99
Download  74LVC1G99 Download
File Size   137.21 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Ultra-configurable multiple function gate; 3-state

74LVC1G99 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G99 Datasheet PDF - NXP Semiconductors

Part # 74LVC1G99
Download  74LVC1G99 Click to download

File Size   137.21 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Ultra-configurable multiple function gate; 3-state

74LVC1G99 Datasheet (HTML) - NXP Semiconductors


74LVC1G99 Product details

General description

The 74LVC1G99 provides a low voltage, ultra-configurable, multiple function gate with 3-state output. The device can be configured as one of several logic functions including, AND, OR, NAND, NOR, XOR, XNOR, inverter, buffer and MUX. No external components are required to configure the device as all inputs can be connected directly to VCC or GND. The 3-state output is controlled by the output enable input (OE). A HIGH level at OE causes the output (Y) to assume a high-impedance OFF-state. When OE is LOW, the output state is determined by the signals applied to the Schmitt-trigger inputs (A, B, C and D).

Due to the use of Schmitt-trigger inputs the device is tolerant of slowly changing input signals, transforming them into sharply defined, jitter free output signals. By eliminating leakage current paths to VCC and GND, the inputs and disabled output are also over-voltage tolerant, making the device suitable for mixed-voltage applications.



Features and benefits

■ Wide supply voltage range from 1.65 V to 5.5 V

■ 5 V tolerant inputs for interfacing with 5 V logic

■ High noise immunity

■ Complies with JEDEC standard:

   ♦ JESD8-7 (1.65 V to 1.95 V)

   ♦ JESD8-5 (2.3 V to 2.7 V)

   ♦ JESD8-B/JESD36 (2.7 V to 3.6 V)

■ ESD protection:

   ♦ HBM JESD22-A114F exceeds 2000 V

   ♦ MM JESD22-A115-A exceeds 200 V

■ ±24 mA output drive (VCC = 3.0 V)

■ CMOS low power consumption

■ Latch-up performance exceeds 250 mA

■ Direct interface with TTL levels

■ Inputs accept voltages up to 5 V

■ Multiple package options

■ Specified from −40 °C to +85 °C and −40 °C to +125 °C.



 




Similar Part No. - 74LVC1G99

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G99 NXP-74LVC1G99 Datasheet
245Kb / 29P
Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Nexperia B.V. All right...
74LVC1G99 NEXPERIA-74LVC1G99 Datasheet
334Kb / 25P
Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
logo
NXP Semiconductors
74LVC1G99DP NXP-74LVC1G99DP Datasheet
245Kb / 29P
Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Nexperia B.V. All right...
74LVC1G99DP NEXPERIA-74LVC1G99DP Datasheet
334Kb / 25P
Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
logo
NXP Semiconductors
74LVC1G99GD NXP-74LVC1G99GD Datasheet
245Kb / 29P
Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
More results


Similar Description - 74LVC1G99

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G99 TI-SN74LVC1G99 Datasheet
399Kb / 18P
ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74AUP1G99 TI-SN74AUP1G99 Datasheet
320Kb / 19P
LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
NXP Semiconductors
74LVC1G99 NXP-74LVC1G99_10 Datasheet
245Kb / 29P
Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Texas Instruments
SN74AUP1G99 TI-SN74AUP1G99_09 Datasheet
629Kb / 24P
LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74LVC1G99-Q1 TI1-SN74LVC1G99-Q1 Datasheet
478Kb / 17P
ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUT
SN74LVC1G99 TI1-SN74LVC1G99_15 Datasheet
954Kb / 24P
Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_16 Datasheet
954Kb / 24P
Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_18 Datasheet
1,007Kb / 25P
Ultra-Configurable Multiple-Function Gate With 3-State Output
logo
Nexperia B.V. All right...
74LVC1G99 NEXPERIA-74LVC1G99 Datasheet
334Kb / 25P
Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com