Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-25C010A Datasheet (PDF) - Seiko Instruments Inc

S-25C010A Datasheet PDF - Seiko Instruments Inc
Part # S-25C010A
Download  S-25C010A Download
File Size   856.94 Kbytes
Page   37 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description CMOS SPI SERIAL E2PROM

S-25C010A Datasheet (PDF)

Go To PDF Page Download Datasheet
S-25C010A Datasheet PDF - Seiko Instruments Inc

Part # S-25C010A
Download  S-25C010A Click to download

File Size   856.94 Kbytes
Page   37 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description CMOS SPI SERIAL E2PROM

S-25C010A Datasheet (HTML) - Seiko Instruments Inc


S-25C010A Product details

CMOS SPI SERIAL E2PROM

The S-25C010A/020A/040A is SPI serial E2PROM which operate at high speed, with low current consumption and the wide range operation. The S-25C010A/020A/040A respectively has the capacity of 1K-bit, 2K-bit, 4K-bit and the organization of 128 words × 8-bit, 256 words × 8-bit, 512 words × 8-bit. These ICs are able to Page Write and sequential read.

Features
• Wide range operation Read : 1.6 to 5.5 V (at −40 to +85°C)
                                      Write : 1.7 to 5.5 V (at −40 to +85°C)
• Operation frequency   5.0 MHz (2.5 to 5.5 V), 2.0 MHz (1.6 to 5.5 V)
• SPI mode (0, 0) and (1, 1)
• Page Write:                16 bytes / page
• Sequential read
• Write protect:             Software, Hardware
   Protect area:             25%, 50%, 100%
• Monitors Write to the memory by a status register
• Write protect function during the low power supply
• CMOS schmitt input( CS , SCK, SI, WP , HOLD )
• Endurance:                106cycles/word*1 (at +25°C),
                                     *1. For each address (Word: 8-bit)
• Data retention:           100 years (at +25°C)
• Memory capacitance:  S-25C010A 1K-bit
                                       S-25C020A 2K-bit
                                       S-25C040A 4K-bit
• Data before shipment: Memory array FFh, BP1 = 0, BP0 = 0
• Lead-free product




Similar Part No. - S-25C010A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-25C010A ABLIC-S-25C010A Datasheet
703Kb / 48P
SPI SERIAL E2PROM
Rev.4.3_02_C
logo
Seiko Instruments Inc
S-25C010A-H SII-S-25C010A-H Datasheet
1Mb / 33P
OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C010A0H-J8T2UD SII-S-25C010A0H-J8T2UD Datasheet
1Mb / 33P
OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C010A0H-T8T2UD SII-S-25C010A0H-T8T2UD Datasheet
1Mb / 33P
OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
logo
ABLIC Inc.
S-25C010AH ABLIC-S-25C010AH Datasheet
512Kb / 36P
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.3.0_01_C
More results


Similar Description - S-25C010A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25C02 XICOR-X25C02 Datasheet
60Kb / 14P
SPI Serial E2PROM
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
CMOS SPI 8K SERIAL E2PROM
logo
ABLIC Inc.
S-25C010A ABLIC-S-25C010A Datasheet
703Kb / 48P
SPI SERIAL E2PROM
Rev.4.3_02_C
S-25CM01A ABLIC-S-25CM01A Datasheet
397Kb / 28P
SPI SERIAL E2PROM
Rev.2.2_03_S
S-25C512A ABLIC-S-25C512A Datasheet
449Kb / 31P
SPI SERIAL E2PROM
Rev.2.2_03_S
S-25C320A ABLIC-S-25C320A Datasheet
588Kb / 39P
SPI SERIAL E2PROM
Rev.4.2_03_H
S-25C256A ABLIC-S-25C256A Datasheet
449Kb / 31P
SPI SERIAL E2PROM
Rev.2.2_03_S
S-25C160A ABLIC-S-25C160A Datasheet
512Kb / 39P
SPI SERIAL E2PROM
Rev.4.2_03_H
S-25C128A ABLIC-S-25C128A Datasheet
448Kb / 31P
SPI SERIAL E2PROM
Rev.4.2_03_H
S-25C080A ABLIC-S-25C080A Datasheet
689Kb / 46P
SPI SERIAL E2PROM
Rev.6.0_00_C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com